Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESTO905 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # TESTO905
Description  Penetration/surface temperature measuring instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO905 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  TESTO905 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO905 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy read-out of measurement values due to rotatable
display
Broad measuring range
High temperature measurement, short-term up to +500 °C
Very fast reaction time
Easy to operate
Large display
Auto-off function
Penetration/surface temperature
measuring instrument
testo 905
°C
The testo 905-T1 is a particularly fast penetration
thermometer with a broad measuring range of -50 to +350
°C, in the short term even up to +500 °C (1 to 2 minutes).
The measuring instrument has a professional industrial
sensor (thermocouple Type K). It has an excellent level of
accuracy, especially in the upper measuring range.
The testo 905-T2 is a surface thermometer with a broad
measuring range of -50 to+350 °C, in the short term even
up to +500 °C (1 to 2 minutes). The sprung, broad
thermocouple measurement head guarantees a very fast
reaction time and high accuracy thanks to the ability to
adapt to rough surfaces.
Both instruments have a rotatable display with whose help
the measurement values can be read off optimally from
different perspectives.
www.testo.com
We measure it.
testo-905-P01
17.04.2013
07:43
Seite 1


Similar Part No. - TESTO905

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO922 TESTO-TESTO922 Datasheet
722Kb / 8P
Temperature measuring instrument (2-channel)
More results

Similar Description - TESTO905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901366 PHOENIX-2901366 Datasheet
71Kb / 5P
Measuring instrument - EEM-MA600
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
Testo SE & Co. KGaA
TESTO922 TESTO-TESTO922 Datasheet
722Kb / 8P
Temperature measuring instrument (2-channel)
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
rpm measuring instrument
TESTO625 TESTO-TESTO625 Datasheet
1Mb / 4P
Humidity/temperature measuring instrument
TESTO635 TESTO-TESTO635 Datasheet
1Mb / 8P
Humidity/temperature measuring instrument
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
Humidity/temperature/pressure measuring instrument
logo
PHOENIX CONTACT
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
Measuring instrument - EEM-EM377
Jun 10, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
Measuring instrument - EEM-EM355
Jun 10, 2022
logo
Testo SE & Co. KGaA
TESTO605-H1 TESTO-TESTO605-H1 Datasheet
262Kb / 2P
Humidity/temperature measuring instrument
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com