Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GPX2 Datasheet(PDF) 10 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 10 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 6Page - ams AG TDC-GPX2 Datasheet HTML 7Page - ams AG TDC-GPX2 Datasheet HTML 8Page - ams AG TDC-GPX2 Datasheet HTML 9Page - ams AG TDC-GPX2 Datasheet HTML 10Page - ams AG TDC-GPX2 Datasheet HTML 11Page - ams AG TDC-GPX2 Datasheet HTML 12Page - ams AG TDC-GPX2 Datasheet HTML 13Page - ams AG TDC-GPX2 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-03] 2017-Dec-18
TDC-GPX2 − Conver ter Characteristics
General Conditions: VDD33 = 3.3V; VDD18 = 1.8V;
TA = 0°C to 80°C.
Figure 9:
Converter Characteristics
Symbol
Description
Condition
TL
Min
Typ
Max
Unit
Accuracy of Time Measurement
RMS
Single-shot RMS
resolution
High_Resolution = 0 (off )
High_Resolution = 1 (2x)
High_Resolution = 2 (4x)
IV
20
15
10
30
20
15
ps
INL
Integral non-linearity
IV
20
ps
DNL
Differential
non-linearity
V5
ps
No missing code
At time quantization level
III
Assured
Channel to channel
isolation
At same times measured
IV
20
100
ps
Offset error
High_Resolution = 0 (off )
High_Resolution = 1 (2x)
High_Resolution = 2 (4x)
V
100
150
200
ps
Offset error
temperature drift
High_Resolution = 0 (off )
High_Resolution = 1 (2x)
High_Resolution = 2 (4x)
IV
0.5
1
1.5
3ps/K
Switching Performance
tCONV
Converter latency
High_Resolution = 0 (off )
High_Resolution = 1 (2x)
High_Resolution = 2 (4x)
III
20
50
100
ns
Peak conversion rate
High_Resolution = 0 (off )
High_Resolution = 1 (2x)
High_Resolution = 2 (4x)
III
50
20
10
MSPS
Maximum read-out rate
LVDS: 44 Bit/14 Bit
SPI: Opcode + 48 Bit/16 Bit
SDR / 250MHz
DDR / 250MHz
SPI / 50MHz
III
5.6
11.3
0.9
17.8
35.7
2.1
MSPS
Converter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com