Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC6311ME2AA-T Datasheet(PDF) 16 Page - Microchip Technology

Part # DSC6311ME2AA-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6311ME2AA-T Datasheet(HTML) 16 Page - Microchip Technology

Back Button DSC6311ME2AA-T Datasheet HTML 12Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 13Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 14Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 15Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 16Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 17Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 18Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 19Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
DSC63XX
DS20005808A-page 16
 2017 Microchip Technology Inc.
4-Lead VLGA 2.0 mm x 1.6 mm Package Outline (Continued)
Microchip Technology Drawing C04-1200A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
4-Lead Very Thin Fine Pitch Land Grid Array (ASA) - 2.0x1.6 mm Body [VFLGA]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Overall Width
Terminal Length
Substrate Thickness (with Terminals)
Terminal Pitch
Standoff
Units
Dimension Limits
A1
A
b2
A3
e
L
E
N
1.55 BSC
0.20 REF
0.40
0.50
0.79
0.00
0.55
0.45
0.84
0.02
1.60 BSC
MILLIMETERS
MIN
NOM
6
0.50
0.60
0.89
0.05
MAX
CH
0.15
--
Terminal 1 Index Chamfer
Overall Length
D
2.00 BSC
Terminal Width
b1
0.30
0.35
0.40
Terminal Width
Terminal Pitch
e1
0.95 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com