Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-VID01F2
Description  6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-VID01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01F2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
EMIF06-VID01F2
6 LINES LOW CAPACITANCE EMI FILTER
AND ESD PROTECTION
REV. 1
February 2005
IPAD™
®
Flip-Chip
(15 Bumps)
Figure 1: Pin Configuration (ball side)
I4
O4
I1
O1
I6
Gnd
Gnd
Gnd
O6
I3
O3
I5
O5
I2
O2
98
7
6
5
4
32
1
A
B
C
TM: IPAD is a trademark of STMicroelectronics.
Table 1: Order Code
Part Number
Marking
EMIF06-VID01F2
GR
MAIN APPLICATION
Where EMI filtering in ESD sensitive equipment is
required:
■ LCD and camera for mobile phones
■ Computers and printers
■ Communication systems
■ MCU board
DESCRIPTION
The EMIF06-VID01F2 is a 6 lines highly integrated
array designed to suppress EMI / RFI noise in all
systems subjected to electromagnetic interferenc-
es.
The EMIF06-VID01F2 Flip-Chip packaging means
the package size is equal to the die size.
Additionally, this filter includes an ESD protection
circuitry which prevents the protected device from
destruction when subjected to ESD surges up to
15 kV.
BENEFITS
■ High efficiency EMI filtering (-40db @ 900MHz)
■ Low line capacitance suitable for high speed
data bus
■ Low serial resistance for camera impedance
adaptation
■ Lead free package
■ Optimized PCB space consuming:
2.92mm x 1.29mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression on inputs
pins (IEC61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration & wafer level packaging
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2
Level 4 on input pins
15kV (air discharge)
8kV (contact discharge)
MIL STD 883E - Method 3015-6 Class 3
Figure 2: Configuration
R = 100
C
= 16pF typ. @ 3V
Ω
LINE
Input
R
Output


Similar Part No. - EMIF06-VID01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
More results

Similar Description - EMIF06-VID01F2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMIF06 ETC-EMIF06 Datasheet
214Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF Datasheet
122Kb / 5P
4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
06-Dec-2004
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF04-VID01C1 STMICROELECTRONICS-EMIF04-VID01C1 Datasheet
132Kb / 6P
4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
2005-Feb-15
EMIF06-VID01C1 STMICROELECTRONICS-EMIF06-VID01C1 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF04-VID01F2 STMICROELECTRONICS-EMIF04-VID01F2 Datasheet
130Kb / 6P
4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF04-VID01C2 STMICROELECTRONICS-EMIF04-VID01C2 Datasheet
134Kb / 6P
4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
12-Aug-2005
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
160Kb / 7P
6 line low capacitance EMI filter and ESD protection
01-Jun-2006
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com