Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD203C4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD203C4
Description  DC-20 GHz SP4T Non-reflective Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD203C4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD203C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD203C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD203C4
DC-20 GHz SP4T Non-reflective Switch
Specifications
Absolute Maximum Ratings
TTL/CMOS Control Voltages
Parameter
Rating
RF Input Power
+27 dBm
Control Voltage Range (A,B) +0.5V to -7.5V
Channel Temperature, Tch
150 °C
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Bias Voltage (Vss)
-7V
Power Dissipation, Pdiss
531 mW
Thermal Resistance, Θ JC
122.23 °C/W
Electrical Specifications - Vctl = 0/-5 V, Vss = -5 V TA = 25
oC
State
Bias Condition
Low
-1V to 0V @ 0.5 mA Typ
High
-7V to -3V @ 1 uA Typ
Truth Table
Control Input
Signal Path State
A
B
RFC to:
High
High
RF1
Low
High
RF2
High
Low
RF3
Low
Low
RF4
ver 1.6 0319
Bias Voltage & Current
Vss (V)
Iss (Typ) (mA)
Iss (Max) (mA)
-5
4.5
8.0
Vss Range = -5.0V ± 10%
Parameter
Min
Typ
Max
Min
Typ Max
Min
Typ
Max Units
Frequency Range
DC - 6
DC - 14
DC - 20
GHz
Insertion Loss
2
2.4
2.7
3.1
3.2
3.6
dB
Isolation
37
44
27
35
22
30
dB
Return Loss - On State
11
8
8
dB
Return Loss - Off State
17
14
13
dB
Input P1dB
19.5
21
22
dBm
Input IP3
28
30
30
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
66
81/8
66
81/8
66
81/8
ns
ns
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com