Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD197 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD197
Description  1-24 GHz Distributed Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD197 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD197 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD197 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD197
1-24 GHz Distributed Driver Amplifier
Parameter
Min
Typ
Max Units
Vdd
5.0
8.0
9.0
V
Idd
225
mA
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 8.0 V, TA = 25 oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
10 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
2.12 W
Thermal Resistance,  JC
30.6 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.4 0119
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max Units
Frequency Range
1 - 6
6 - 18
18 - 24
GHz
Gain
13.5
16.5
19.5
13
16
19
13
16
19
dB
Noise Figure
3.5
2.5
4
dB
Input Return Loss
16
10
8
dB
Output Return Loss
17
17
12
dB
Output P1dB
20
25
20
23
17
21
dBm
Output IP3
35
32
31
dBm
Supply Current
170
225
280
170
225
280
170
225
280
mA
Gain Temperature
Coefficient
.012
.012
.012
dB/°C
Noise Figure Temperature
Coefficient
.011
.011
.011
dB/°C
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com