Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD196C3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD196C3
Description  DC-28 GHz SPDT Non-reflective Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD196C3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD196C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD196C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD196C3
DC-18 GHz SPDT Non-reflective Switch
Specifications
Absolute Maximum Ratings
Control Voltages
Electrical Specifications - Vctl = 0/-5 V, TA = 25
oC
State
Bias Condition
Low
0 to -0.5V @ 1 uA Typ
High
-3V @ 1 uA Typ to -7V @ 6 uA Typ
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ Max Units
Frequency Range
DC - 8
DC - 14
GHz
Insertion Loss
1.5
1.9
1.7
2.1
1.8
2.2
dB
Isolation
41
46
40
45
32
37
dB
Return Loss - On State
18
15
17
dB
Return Loss - RF1, 2 - Off State
17
15
12
dB
Input P1dB
23
23
23
dBm
Input IP3
37
38
38
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
1.8
11/4
1.8
11/4
1.8
11/4
ns
ns
DC - 18
Truth Table
Control Input
A
B
RFC to RF1
RFC to RF2
High
Low
On
Off
Low
High
Off
On
Signal Path State
ver 1.8 0919
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Parameter
Rating
RF Input Power
+27 dBm
Control Voltage Range (A,B) +0.5V to -7.5V
Channel Temperature, Tch
150 °C
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal Resistance, Θ JC
(insertion loss path)
103 °C/W
Thermal Resistance, Θ JC
(terminated path)
258 °C/W
Terminated Power Level
(Vctl = -5 V, CW)
+24 dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com