Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF2000A-RQ Datasheet(PDF) 2 Page - Soshin electric Co., Ltd.

Part # NF2000A-RQ
Description  Single-phase 2-line 250VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

NF2000A-RQ Datasheet(HTML) 2 Page - Soshin electric Co., Ltd.

  NF2000A-RQ Datasheet HTML 1Page - Soshin electric Co., Ltd. NF2000A-RQ Datasheet HTML 2Page - Soshin electric Co., Ltd. NF2000A-RQ Datasheet HTML 3Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
fig.2 (80
~
~
~
~
150A)
fig. 3 (200, 250A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com