Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3 Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # SC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC3 Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button SC3 Datasheet HTML 6Page - TEKTRONIX, INC. SC3 Datasheet HTML 7Page - TEKTRONIX, INC. SC3 Datasheet HTML 8Page - TEKTRONIX, INC. SC3 Datasheet HTML 9Page - TEKTRONIX, INC. SC3 Datasheet HTML 10Page - TEKTRONIX, INC. SC3 Datasheet HTML 11Page - TEKTRONIX, INC. SC3 Datasheet HTML 12Page - TEKTRONIX, INC. SC3 Datasheet HTML 13Page - TEKTRONIX, INC. SC3 Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
RF measurements
The 3 Series MDO includes three automated RF measurements - Channel
Power, Adjacent Channel Power Ratio, and Occupied Bandwidth. When
one of these RF measurements is activated, the oscilloscope automatically
turns on the Average spectrum trace and sets the detection method to
Average for optimal measurement results.
Automated Channel Power measurement
RF probing
Signal input methods on spectrum analyzers are typically limited to cabled
connections or antennas. In addition to using the standard N-connector, the
3 Series MDO Spectrum Analyzer can use 50 Ω TekVPI probes with the
optional TPA-N-VPI adapter. This enables additional flexibility when hunting
for noise sources and enables easier spectral analysis by using true signal
browsing on a spectrum analyzer input.
In addition, an optional preamplifier accessory assists in the investigation of
lower-amplitude signals. The TPA-N-PRE preamplifier provides 10 dB
nominal gain across the 9 kHz – 3 GHz frequency range.
Arbitrary Function Generator (optional)
The 3 Series MDO contains an optional integrated arbitrary function
generator (option 3-AFG), perfect for simulating sensor signals within a
design or adding noise to signals to perform margin testing.
The integrated function generator provides output of predefined waveforms
up to 50 MHz for sine, square, pulse, ramp/triangle, DC, noise, sin(x)/x
(Sinc), Gaussian, Lorentz, exponential rise/fall, Haversine and cardiac.
Waveform type selection in the integrated AFG.
The arbitrary waveform generator provides 128 k points of record for
storing waveforms from the analog input, a saved internal file location, a
USB mass storage device, or from an external PC. Transfer waveform files
to your 3 Series MDO edit memory via USB or LAN or using a USB mass
storage device to be output from the AFG in the oscilloscope.
Flexible settings of AFG outputs. In this test case, 20% of noise was added to the Sine
waveform.
Datasheet
10 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com