Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL352P Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # BL352P
Description  35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

BL352P Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  BL352P Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. BL352P Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. BL352P Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
BL352P/BL353P/BL354P/BL355P/BL356P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
Pb
BL352P thru BL356P
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.09T
BLOCK/TO-230/BA/MR/K series
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Feature:
Application:
Block Diode/Alternator Diode with AEC-Q101 Grade Quality
Stack Silicon Diffused Diode alternative
Special for Automotive AC Alternator rectifier application
Technology: Latest Glass Passivation Pellet/Cu Clip Bonding
Case: Vacuum soldered/sintered temperature < 260
Cathode Polarity: As marked on body
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: BLOCK/TO-230/BA/MR/K series package type
Mechanical Data:
Case
Lead
Suffix:"P"
Positive
Suffix:"N"
Negative
BL356P
℃
Lead
Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS BL352P
BL353P
BL354P
BL355P BL356P
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current,
At TC = 105
Io
35
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
450
Amps
Rating for fusing (t<8.3ms)
I2t
664
A2S
Maximum Instantaneous Forward Voltage Drop at 100A
VF
1.05
Volts
IR
5.0
100
µA
Typical Thermal Resistance
RθJL
1.0
Operating and Storage Temperature Rang
TJ, TSTG
(-65 to +175)
NOTES:
1.Enough heatsink must be considered in application.
℃/W
℃
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
℃
BL355P
BL354P
BL353P
BL352P
BL356N
BL355N
BL354N
BL353N
BL352N


Similar Part No. - BL352P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
BL352P THINKISEMI-BL352P Datasheet
1Mb / 3P
35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - BL352P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
B352N THINKISEMI-B352N Datasheet
1Mb / 3P
35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
B352P THINKISEMI-B352P Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB352N THINKISEMI-GB352N_V01 Datasheet
1Mb / 3P
35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
GB352P THINKISEMI-GB352P_V01 Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
KP35P THINKISEMI-KP35P Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
BD352P THINKISEMI-BD352P Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BL352N THINKISEMI-BL352N Datasheet
1Mb / 3P
35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
35S THINKISEMI-35S Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
S35 THINKISEMI-S35 Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
E35A2CS THINKISEMI-E35A2CS Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com