Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6673 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6673
Description  25-common x 100-segment BITMAP LCD DRIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6673 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6673 Datasheet HTML 3Page - New Japan Radio NJU6673 Datasheet HTML 4Page - New Japan Radio NJU6673 Datasheet HTML 5Page - New Japan Radio NJU6673 Datasheet HTML 6Page - New Japan Radio NJU6673 Datasheet HTML 7Page - New Japan Radio NJU6673 Datasheet HTML 8Page - New Japan Radio NJU6673 Datasheet HTML 9Page - New Japan Radio NJU6673 Datasheet HTML 10Page - New Japan Radio NJU6673 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
-7 -
NJU6673
Ver.2003-04-08
TERMINAL DESCRIPTION
No.
Symbol
I/O
Function
1,
2,
21-
24,
33,
37,
38,
57,
76,
77,
79,
80,
97,
198,
210,
211
DUMMY1
DUMMY2
DUMMY3 -
DUMMY6
DUMMY7
DUMMY8
DUMMY9
DUMMY10
DUMMY11
DUMMY12
DUMMY13
DUMMY14
DUMMY15
DUMMY16
DUMMY17
DUMMY18
Dummy Terminal.
These are open terminals electrically.
4,5,6,
54-56
VDD
Power
Power supply terminal. (+2.4 to +5.5V)
9-11,
34-36
VSS
GND
Ground terminal. (0V)
LCD Driving Voltage Supplying Terminals.
In case of external power supply operation without internal power supply
operation, each level of LCD driving voltage is supplied from outside
fitting with following relation.
VDD
≥V
1
≥V
2
≥V
3
≥V
4
≥V
5
≥V
OUT
In case of internal power supply, LCD driving voltages V1 to V4
depending on the bias selection are supplied as shown in follows;
Duty
Bias
V1
V2
V3
V4
1/15 Duty
1/5 Bias V5+4/5 VLCD V5+3/5 VLCD V5+2/5 VLCD V5+1/5 VLCD
1/25 Duty
1/6 Bias V5+5/6 VLCD V5+4/6 VLCD V5+2/6 VLCD V5+1/6 VLCD
73-75
70-72
67-69
64-66
61-63
V1
V2
V3
V4
V5
Power
VLCD=VDD-V5
39-41
42-44
45-47
48-50
C1+
C1-
C2+
C2-
O
Condenser connecting terminals for internal Voltage Booster.
Boosting time is selected by each connected condenser.
In case of 3-time boost operation, connect the condenser between C1+
and C1-, C2+ and C2-.
In case of 2-time boost operation, connect the condenser between C2+
and C2-, connect C2+ to C1+, and C1- should be open.
51-53
VOUT
O
Boosted voltage output terminal.
Connects the capacitor between VOUT
terminal and VSS.
58-60
VR
I
VLCD voltage adjustment terminal.
The gain of VLCD setup circuit for V5
level is adjusted by external resistor.
LCD bias voltage control terminals.
T1
T2
Voltage
booster circuit
Voltage adjustor
V/F circuit
L
H/L
Available
Available
Available
H
L
Not available
Available
Available
H
H
Not available
Not available
Available
13
12
T1,
T2
I
25
26
27
28
29
30
31
32
D0
D1
D2
D3
D4
D5
D6(SCL)
D7(SI)
I/O
Data input / output terminals.
In parallel interface Mode (P/S=”H”)
I/O terminals of 8-bit bus.
In Serial interface Mode(P/S=”L”)
D7:Input terminal of serial data (SI).
D6:Input terminal of serial data clock (SCL).
D5 to D0 terminals are High impedance.
When CS=”H” , D0 to D7 terminals are high-impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com