Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23S08 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP23S08
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP23S08 Datasheet HTML 12Page - Microchip Technology MCP23S08 Datasheet HTML 13Page - Microchip Technology MCP23S08 Datasheet HTML 14Page - Microchip Technology MCP23S08 Datasheet HTML 15Page - Microchip Technology MCP23S08 Datasheet HTML 16Page - Microchip Technology MCP23S08 Datasheet HTML 17Page - Microchip Technology MCP23S08 Datasheet HTML 18Page - Microchip Technology MCP23S08 Datasheet HTML 19Page - Microchip Technology MCP23S08 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MCP23008/MCP23S08
DS21919B-page 16
© 2005 Microchip Technology Inc.
1.6.9
INTERRUPT CAPTURE (INTCAP)
REGISTER
The INTCAP register captures the GPIO port value at
the time the interrupt occurred. The register is ‘read-
only’ and is updated only when an interrupt occurs. The
register will remain unchanged until the interrupt is
cleared via a read of INTCAP or GPIO.
REGISTER 1-9:
INTCAP – INTERRUPT CAPTURED VALUE FOR PORT REGISTER
(ADDR 0x08)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
ICP7
ICP6
ICP5
ICP4
ICP3
ICP2
ICP1
ICP0
bit 7
bit 0
bit 7-0
ICP7:ICP0: These bits reflect the logic level on the port pins at the time of interrupt due to pin
change <7:0>.
1
= Logic-high.
0
= Logic-low.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com