Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD244 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD244
Description  DC-24 GHz Distributed Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD244 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD244 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD244 is wideband GaAs MMIC
distributed amplifier die which operates from DC
to 24 GHz. The amplifier delivers 18 dB of gain
with a corresponding output 1 dB compression
point of +25 dBm and noise figure of 2.5 dB at
10 GHz. The CMD244 is a 50 ohm matched
design which eliminates the need for RF port
matching. The CMD244 offers full passivation
for increased reliability and moisture protection.
This amplifier is the perfect alternative to higher
cost hybrid amplifiers.
► Ultra wideband performance
► Positive gain slope
► High output power
► Low noise figure
► Small die size
Electrical Performance - Vdd = 8.0 V, Vgg = -1.0 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 24
GHz
Gain
18
dB
Noise Figure
2.5
dB
Input Return Loss
18
dB
Output Return Loss
18
dB
Output P1dB
25
dBm
Supply Current
185
mA
Note: Vgg2 is optional for gain control
CMD244
DC-24 GHz Distributed Driver Amplifier
ver 1.5 0419
1
5
6
7
3
4
8
RFIN
RFOUT & Vdd
ACG1 ACG2
ACG4 ACG3
Vgg
2
Vgg2


Similar Part No. - CMD244

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD244 QORVO-CMD244 Datasheet
319Kb / 12P
DC-24 GHz Distributed Driver Amplifier
CMD244K5 QORVO-CMD244K5 Datasheet
495Kb / 15P
DC-20 GHz Distributed Driver Amplifier
CMD244K5-EVB QORVO-CMD244K5-EVB Datasheet
495Kb / 15P
DC-20 GHz Distributed Driver Amplifier
More results

Similar Description - CMD244

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD192C5 MMIC-CMD192C5 Datasheet
333Kb / 10P
DC-20 GHz Distributed Driver Amplifier
CMD197C4 MMIC-CMD197C4 Datasheet
278Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD197 MMIC-CMD197 Datasheet
387Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD292 MMIC-CMD292 Datasheet
286Kb / 13P
DC-30 GHz Distributed Driver Amplifier
logo
Qorvo, Inc
CMD292 QORVO-CMD292 Datasheet
286Kb / 13P
DC-30 GHz Distributed Driver Amplifier
CMD317C4 QORVO-CMD317C4 Datasheet
430Kb / 14P
1-24 GHz Distributed Driver Amplifier
CMD244 QORVO-CMD244 Datasheet
319Kb / 12P
DC-24 GHz Distributed Driver Amplifier
CMD244K5 QORVO-CMD244K5 Datasheet
495Kb / 15P
DC-20 GHz Distributed Driver Amplifier
CMD311P34 QORVO-CMD311P34 Datasheet
537Kb / 14P
DC-20 GHz Distributed Driver Amplifier
August 5, 2021
CMD317 QORVO-CMD317 Datasheet
314Kb / 14P
1-24 GHz Distributed Driver Amplifier
June 15, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com