Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD263P3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD263P3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD263P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications - Vdd = 3.6 V, TA = 25
oC
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
367 mW
Thermal Resistance Θ JC
177 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
5 - 8.5
8.5 - 11
GHz
Gain
19
22
26
19
22
26
dB
Noise Figure
1.6
2.4
1.3
1.7
dB
Input Return Loss
10
10
dB
Output Return Loss
13
12
dB
Output P1dB
11
11.5
dBm
Supply Current
22
32
42
22
32
42
mA
Gain Temperature
Coefficient
0.013
0.013
dB/°C
Noise Figure Temperature
Coefficient
0.008
0.008
dB/°C
Output IP3
21
21
dBm
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.6
4.5
V
Idd
32
mA
CMD263P3
5-11 GHz Low Noise Amplifier
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
ver 1.2 0519



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com