Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM4 Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  PAM4 Datasheet HTML 1Page - TEKTRONIX, INC. PAM4 Datasheet HTML 2Page - TEKTRONIX, INC. PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DSA8300 Datasheet
Digital Serial Analyzer Sampling Oscilloscope
The DSA8300 is a state-of-the-art Equivalent Time Sampling Oscilloscope
that provides the highest fidelity measurement and analysis capabilities for
Communications Signal Analysis, Serial Data Network Analysis, and Serial
Data Link Analysis applications.
Notice to EU customers
This product is not updated to comply with the RoHS 2 Directive 2011/65/
EU and will not be shipped to the EU. Customers may be able to purchase
products from inventory that were placed on the EU market prior to
July 22, 2017 until supplies are depleted. Tektronix is committed to helping
you with your solution needs. Please contact your local sales
representative for further assistance or to determine if alternative product(s)
are available. Tektronix will continue service to the end of worldwide
support life.
Key performance specifications
Low time base jitter:
425 fs typical on up to 8 simultaneously acquired channels
<100 fs on up to 6 channels with 82A04B phase reference module
Industry’s highest vertical resolution – 16 bit A/D
Electrical resolution: <20 µV LSB (for 1 v full range)
Optical resolution from <20 nW for the 80C07B (1 mW full range) to
<0.6 µW for the 80C10C (30 mW full range)
Optical bandwidths to >80 GHz
Electrical bandwidths to >70 GHz
Over 120 automated measurements for NRZ, RZ, and pulse signal
types
Automated mask testing with over 80 industry-standard masks
Complex jitter/noise/BER/SER analysis (80SJNB), support for complex
measurements TDECQ 1, SNDR 2 (applications)
Key features
A wide variety of optical, electrical, and accessory modules support your
specific testing requirements.
Optical modules
Optical modules that support optical data rates from 155 Mb/s to
10 Gb/s to 40 Gb/s to 100 Gb/s to PAM4 for 50G/100G/200G/400G
Optical reference receivers (ORR) 3 support specified requirements
for standards-mandated compliance testing
High optical sensitivity, low noise, and wide dynamic range of the
optical sampling modules allows accurate testing and
characterization of short-reach to long-haul optical communications
standards
Fully calibrated clock recovery solutions – no need to manually
calibrate for data pick-off losses
Calibrated extinction ratio measurements and variable correction
ER measurement ensure accuracy and repeatability
1
Transmitter and Dispersion Eye Closure Quaternary for PAM4.
2
Signal-to-Noise-and-Distortion Ratio.
3
Optical Reference Receiver (ORR) is a 4th-order Bessel-Thompson filter, with a frequency response and tolerances as defined by the standards. Tektronix optimizes the response for best nominal fit and
highest quality mask test results.
www.tek.com 1


Similar Part No. - PAM4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM4SMA PROTEC-PAM4SMA Datasheet
500Kb / 7P
400 Watt TVS Component
PAM4SMA130A PROTEC-PAM4SMA130A Datasheet
500Kb / 7P
400 Watt TVS Component
PAM4SMA13A PROTEC-PAM4SMA13A Datasheet
500Kb / 7P
400 Watt TVS Component
PAM4SMA18A PROTEC-PAM4SMA18A Datasheet
500Kb / 7P
400 Watt TVS Component
PAM4SMA200A PROTEC-PAM4SMA200A Datasheet
500Kb / 7P
400 Watt TVS Component
More results

Similar Description - PAM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
JDS Uniphase Corporatio...
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
Digital Communication Analyzer
logo
Fuji Electric
EDS3-1I FUJI-EDS3-1I Datasheet
606Kb / 20P
SAMPLING DEVICE SERIES FOR GAS ANALYZER
logo
IC-Haus GmbH
IC227 ICHAUS-IC227 Datasheet
11Mb / 22P
DUAL 11 GHz SAMPLING OSCILLOSCOPE
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
Digital Serial Analyzer Sampling Oscilloscope
logo
Maxim Integrated Produc...
MAX5717 MAXIM-MAX5717 Datasheet
4Mb / 22P
Digital Oscilloscope
Rev 0; 6/16
logo
List of Unclassifed Man...
IDSO1070 ETC1-IDSO1070 Datasheet
3Mb / 76P
2CH Wlan Digital Storage Oscilloscope
logo
TEKTRONIX, INC.
TBS2000 TEKTRONIX-TBS2000 Datasheet
1Mb / 14P
Digital Storage Oscilloscope
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com