Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS81118 Datasheet(PDF) 2 Page - Microchip Technology

Part # OS81118
Description  MOST150 INIC with USB 2.0 Device Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS81118 Datasheet(HTML) 2 Page - Microchip Technology

  OS81118 Datasheet HTML 1Page - Microchip Technology OS81118 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo, MediaLB and MOST are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein
are property of their respective companies. © 2016, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 9/16
DS00001935B
Visit our web site for additional product information and to locate your local sales office.
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
www.microchip.com/OS81118
Applications
In-Car Mobile and Wi-Fi Connectivity
The OS81118, in combination with a 3G/Long Term
Evolution (LTE) and Wi-Fi module, can be used to create a
system that allows for in-car mobile and Wi-Fi connectivity.
The 3G/LTE and Wi-Fi module connects to the USB Port
of the OS81118, which is able to process all data types
required to implement this system.
In the application diagram below, (Figure 2) the 3G/LTE
and Wi-Fi module receives IP data over an external
antenna. The data is forwarded over USB to the OS81118,
which connects to the MOST network.
While the IP data is transmitted over the MOST Ethernet
Channel, Voice-Over IP (VOIP) data is transferred over
the MOST Quality of Service (QoS) IP channels. Control
data, required to setup the behavior of a MOST device, is
handled over the MOST Control Channel. Since different
communication paths are used to separate IP data from
control data, the requirements for in-car security and
safety can be fulfilled; even if IP data is impaired from
outside the car, control data communication inside the car
on the MOST network will not be affected.
Head Unit, Rear-Seat Entertainment systems, and peripheral
devices, including cellphones and tablets, which are
connected to the MOST network can send and/or receive IP
data for applications such as internet radio, e-mail, social
networking, games, navigation, and local services.
Depending on the requirements given by the cable harness
and the positioning of the device, either the optical physical
layer or coax physical layer can be used.
Figure 2: In-Car Mobile and Wi-Fi Connectivity
3G/LTE and Wi-Fi® Module
OS81118 INIC
USB
oPHY or cPHY MOST® Network
Device Interface
Host Interface
Development of Head Unit Designs Based on the
Latest Multi-Core Consumer SoC
The OS81118, with its USB port, is an ideal solution
which provides a high level of flexibility for designers
creating Head Units. The most up-to-date multi-core SoCs,
which have USB interfaces, but may not have standard
automotive interfaces, can now be incorporated into the
Head Unit design when matched with an OS81118.
Automotive and MOST device specific functionality, as
provided by the MOST NetServices, can be implemented on
the Vehicle Central Processing Unit (VCPU). Either MediaLB
or I2C can be used as the communication interface
between the VCPU and the OS81118.
Multimedia-specific applications such as audio, video, and
IP all run on the SoC. To maximize efficiency, the SoC
utilizes the USB Port for IP and isochronous data transfer
with the MOST network, whereas the OS81118 Streaming
Port (I2S™) is utilized for low-latency audio transfers
between SoC or Tuner IC/DSP and the MOST network.
Figure 3: Head Unit Design
MediaLB®
Controller
Port
Multi-Core SoC
OS81118 INIC
VCPU
Tuner IC/DSP
Streaming Port
Streaming Port
USB Port
oPHY or cPHY MOST® Network
Head Unit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com