Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1000. Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # PA1000.
Description  Single Phase AC Power Analyzer Datasheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PA1000. Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  PA1000. Datasheet HTML 1Page - TEKTRONIX, INC. PA1000. Datasheet HTML 2Page - TEKTRONIX, INC. PA1000. Datasheet HTML 3Page - TEKTRONIX, INC. PA1000. Datasheet HTML 4Page - TEKTRONIX, INC. PA1000. Datasheet HTML 5Page - TEKTRONIX, INC. PA1000. Datasheet HTML 6Page - TEKTRONIX, INC. PA1000. Datasheet HTML 7Page - TEKTRONIX, INC. PA1000. Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Current - peak inrush
accuracy (100 Apeak range)
2% of Range ± 20 mA
Effect of common mode
(typical)
100 V, 100 kHz, 20 A shunt < 15 mA
100 V, 100 kHz, 1 A shunt < 500 μA
100 V, 100 kHz, external shunt < 40 mV
Measurement accuracy -
frequency
Frequency (10 Hz to 20 kHz)
0.1% of Reading, with the peak of the signal extending 10% above and 10% below the DC level
Frequency (20 kHz to 1 MHz)
0.1% of Reading, with the peak of the signal extending 25% above and 25% below the DC level
Measurement accuracy - power
Watts accuracy
± 0.075% of Reading ± 0.075% of Range (PF=1, 45 - 850 Hz)
VA accuracy
(Vrmsacc x Arms) + (Armsacc x Vrms)
VAR accuracy (typical)
VA ± VAerror 2 - W ± Werror 2 - VA
2 - W2
PF Accuracy
Cos θ -cos [ θ± ( Vh1 ph.err± Ah1 ph.err)] ± 0.002
Measurement accuracy - harmonic
magnitude and phase (typical)
Voltage harmonics magnitude
(10 Hz to 480 kHz)
± 0.02% of Reading ± 0.1% of Range ± (0.04*F)% of Reading ± 0.05 V
Voltage harmonics phase
± 0.04 ± [ 0.01 * (Vrange / Vreading )] ± (0.1 / Vrange) ± (0.005 *F )
Current harmonics magnitude
(10 Hz to 480 kHz)
± 0.2% of Reading ± 0.1% of Range ± (0.04*F)% of Reading ± (50 µV / Zext)
Current harmonics phase
± 0.04 ± [0.01 * (Arange / Areading)] ± (0.001 / Arange * Zext) ± (0.005 *F)
Physical characteristics
Dimensions
mm
in
Height
102
4.0
Width
223
8.7
Depth
285
11.2
Weight
Kg
lb
Net (without lead set)
3.2
7.0
Temperature
C
F
Operating
0 °C to +40 °C
+32 °F to +102 °F
Nonoperating
-20 °C to +60 °C
-4 °F to +140 °F
Notes:
All stated accuracies are based upon a minimum of a 30-minute warm-up period.
Zext is the external shunt impedance used and must be less than or equal to 10 Ohms.
If no frequency is measured, then the signal is considered DC for the purpose of accuracy.
F is the frequency measured in kHz. In the case of harmonics, F is the harmonic frequency.
Specifications are valid from 1 to 100% of range in low bandwidth and after a manual zero has been performed. Values below 1% are typical.
In high bandwidth, specifications are valid when the signal is greater than 10% of the range.
Harmonic specifications are always valid when the harmonic is greater than 2% of the range.
Measurement conditions during calibration: Instrument default settings unless otherwise stated, sine waves applied to V and I inputs, 30 min warm up, ambient temperature
23 °C ±5 °C.
Datasheet
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com