Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3235MODAX Datasheet(PDF) 98 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 98 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 92Page - Texas Instruments CC3235MODAX Datasheet HTML 93Page - Texas Instruments CC3235MODAX Datasheet HTML 94Page - Texas Instruments CC3235MODAX Datasheet HTML 95Page - Texas Instruments CC3235MODAX Datasheet HTML 96Page - Texas Instruments CC3235MODAX Datasheet HTML 97Page - Texas Instruments CC3235MODAX Datasheet HTML 98Page - Texas Instruments CC3235MODAX Datasheet HTML 99Page - Texas Instruments CC3235MODAX Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
54X (
0.81)
(1.27) TYP
(19.048)
9X (
2)
(1.5)
6X (3)
(1.5)
6X (3)
0.05 MIN
ALL AROUND
(25)
(20.5)
(0.65)
TYP
(0.65)
TYP
(
0.2) TYP
VIA
(R0.05)
ALL PADS
(
8.1)
0.05 MIN TYP
(3.724)
(8.05)
(4.326)
QFM - 2.4 mm max height
MON0063A
QUAD FLAT MODULE
4223415/C 06/2019
NOTES: (continued)
3. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments
literature number SLUA271 (www.ti.com/lit/slua271).
4. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:5X
PATTERN
PKG
SEE DETAIL
1
16
17
27
28
43
44
54
55
57
58
60
63
61
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
9X
(45 X 1)
56
59
62
2
15
29
42
PKG
NO TRACES, VIAS, GND PLANE
OR SILK SCREEN SHOULD BE
LOCATED WITHIN THIS AREA
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SIGNAL PADS DETAIL
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com