Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3235MODASM2MONR Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODASM2MONR
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASM2MONR Datasheet(HTML) 92 Page - Texas Instruments

Back Button CC3235MODASM2MONR Datasheet HTML 88Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 89Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 90Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 91Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 92Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 93Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 94Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 95Page - Texas Instruments CC3235MODASM2MONR Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
92
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Mechanical, Packaging, and Orderable Information
Copyright © 2019, Texas Instruments Incorporated
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the
most current data available for the designated devices. This data is subject to change without notice and
revision of this document.
10.1 Mechanical, Land, and Solder Paste Drawings
NOTE
The total height of the module is 2.4 mm.
The weight of the CC3235MODAx module is 1.8 g typical.
NOTE
1. All dimensions are in mm.
2. Solder mask should be the same or 5% larger than the dimension of the pad.
3. Solder paste must be the same as the pin for all peripheral pads. For ground pins, make
the solder paste 20% smaller than the pad.
10.2 Package Option Addendum
The CC3235MODAx is only offered in a 700-unit reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com