Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C151SB Datasheet(PDF) 11 Page - Intel Corporation

Part # 80C151SB
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C151SB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80C151SB Datasheet HTML 7Page - Intel Corporation 80C151SB Datasheet HTML 8Page - Intel Corporation 80C151SB Datasheet HTML 9Page - Intel Corporation 80C151SB Datasheet HTML 10Page - Intel Corporation 80C151SB Datasheet HTML 11Page - Intel Corporation 80C151SB Datasheet HTML 12Page - Intel Corporation 80C151SB Datasheet HTML 13Page - Intel Corporation 80C151SB Datasheet HTML 14Page - Intel Corporation 80C151SB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 7 Signal Descriptions
(Continued)
Signal
Type
Description
Multiplexed
Name
With
VSS
GND
Circuit Ground
Connect this pin to ground
VSS1
GND
Secondary Ground
This ground is provided to reduce ground bounce
and improve power supply bypassing Connection of this pin to ground
is recommended However when using the 8XC151SASB as a pin-
for-pin replacement for the 8XC51BH VSS1 can be unconnected
without loss of compatibility (Not available on DIP)
VSS2
GND
Secondary Ground 2
This ground is provided to reduce ground
bounce and improve power supply bypassing Connection of this pin to
ground is recommended However when using the 8XC151SASB as
a pin-for-pin replacement for the 8XC51FX VSS2 can be unconnected
without loss of compatibility (Not available on DIP)
WR
O
Write
Write signal output to external memory
P36
XTAL1
I
Input to the On-chip Inverting Oscillator Amplifier
To use the
internal oscillator a crystalresonator circuit is connected to this pin If
an external oscillator is used its output is connected to this pin XTAL1
is the clock source for internal timing
XTAL2
O
Output of the On-chip Inverting Oscillator Amplifier
To use the
internal oscillator a crystalresonator circuit is connected to this pin If
an external oscillator is used leave XTAL2 unconnected
The descriptions of A158P270 and AD70P070 are for the nonpage-mode chip configuration (compatible with
44-lead PLCC and 40-pin DIP MCS 51 microcontrollers) If the chip is configured for page-mode operation port 0 carries
the lower address bits (A70) and port 2 carries the upper address bits (A158) and the data (D70)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com