| Electronic Components Datasheet Search |
|
LM158FKB Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158FKB Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 56 page ![]() 11 LM158, LM158A, LM258, LM258A LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V www.ti.com SLOS068W – JUNE 1976 – REVISED OCTOBER 2019 Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B LM2904BA LM2904V Submit Documentation Feedback Copyright © 1976–2019, Texas Instruments Incorporated (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. Maximum VS for testing purposes is 26 V for LM2904 and 32 V for LM2904V. (2) All typical values are TA = 25°C. 7.8 Electrical Characteristics: LM2904, LM2904V For VS = (V+) – (V–) = 5 V, TA = 25 °C, (unless otherwise noted) PARAMETER TEST CONDITIONS (1) MIN TYP (2) MAX UNIT OFFSET VOLTAGE VOS Input offset voltage VS = 5 V to maximum; VCM = 0 V; VO = 1.4 V Non-A suffix devices 3 7 mV TA = –40°C to 125°C 10 A-suffix devices 1 2 TA = –40°C to 125°C 4 dVOS/dT Input offset voltage drift TA = –40°C to 125°C 7 µV/°C PSRR Input offset voltage vs power supply (ΔVIO/ΔVS) VS = 5 V to 30 V 65 100 dB VO1/ VO2 Channel separation f = 1 kHz to 20 kHz 120 dB INPUT VOLTAGE RANGE VCM Common-mode voltage range VS = 5 V to maximum (V–) (V+) – 1.5 V TA = –40°C to 125°C (V–) (V+) – 2 CMRR Common-mode rejection ratio VS = 5 V to maximum; VCM = 0 V 65 80 dB INPUT BIAS CURRENT IB Input bias current VO = 1.4 V –20 –250 nA TA = –40°C to 125°C –500 IOS Input offset current VO = 1.4 V Non-V suffix device 2 50 nA TA = –40°C to 125°C 300 V-suffix device 2 50 TA = –40°C to 125°C 150 dIOS/dT Input offset current drift TA = –40°C to 125°C 10 pA/°C NOISE en Input voltage noise density f = 1 kHz 40 nV/ √Hz OPEN-LOOP GAIN AOL Open-loop voltage gain VS = 15 V; VO = 1 V to 11 V; RL ≥ 2 kΩ 25 100 V/mV TA = –40°C to 125°C 15 FREQUENCY RESPONSE GBW Gain bandwidth product 0.7 MHz SR Slew rate G = +1 0.3 V/µs OUTPUT VO Voltage output swing from rail Positive rail RL ≥ 10 kΩ VS – 1.5 V Non-V suffix device VS = maximum; RL = 2 kΩ TA = –40°C to 125°C 4 VS = maximum; RL ≥ 10 kΩ 2 3 V-suffix device VS = maximum; RL = 2 kΩ 6 VS = maximum; RL ≥ 10 kΩ 4 5 Negative rail VS = 5 V; RL ≤ 10 kΩ TA = –40°C to 125°C 5 20 mV IO Output current VS = 15 V; VO = 0 V; VID = 1 V Source –20 –30 mA TA = –40°C to 125°C –10 VS = 15 V; VO = 15 V; VID = –1 V Sink 10 20 TA = –40°C to 125°C 5 VID = -1 V; VO = 200 mV Non-V suffix device 30 µA V-suffix device 12 40 ISC Short-circuit current VS = 10 V; VO = VS / 2 ±40 ±60 mA POWER SUPPLY IQ Quiescent current per amplifier VO = 2.5 V; IO = 0 A TA = –40°C to 125°C 350 600 µA VS = maximum; VO = maximum / 2; IO = 0 A 500 1000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |