Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3470A438 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3470A438
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3470A438 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3470A438 Datasheet HTML 8Page - Texas Instruments LP3470A438 Datasheet HTML 9Page - Texas Instruments LP3470A438 Datasheet HTML 10Page - Texas Instruments LP3470A438 Datasheet HTML 11Page - Texas Instruments LP3470A438 Datasheet HTML 12Page - Texas Instruments LP3470A438 Datasheet HTML 13Page - Texas Instruments LP3470A438 Datasheet HTML 14Page - Texas Instruments LP3470A438 Datasheet HTML 15Page - Texas Instruments LP3470A438 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VDD
RESET
Reset Delay (tD) = 5.8 ms
VDD
RESET
Reset Delay (tD)= 654 ms
13
LP3470A
www.ti.com
SNVSBF5B – JULY 2019 – REVISED NOVEMBER 2019
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.3 Application Curves
Two capacitor values for CSRT (0.1 µF and 1 µF) are used as examples to show the programmability of the
output time delay as shown in Figure 12 and Figure 13.
Figure 12. Reset Delay Time with 0.1-µF Capacitor at SRT
Figure 13. Reset Delay Time with 1-µF Capacitor at SRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com