Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C151SA Datasheet(PDF) 16 Page - Intel Corporation

Part # P87C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C151SA Datasheet(HTML) 16 Page - Intel Corporation

Back Button P87C151SA Datasheet HTML 12Page - Intel Corporation P87C151SA Datasheet HTML 13Page - Intel Corporation P87C151SA Datasheet HTML 14Page - Intel Corporation P87C151SA Datasheet HTML 15Page - Intel Corporation P87C151SA Datasheet HTML 16Page - Intel Corporation P87C151SA Datasheet HTML 17Page - Intel Corporation P87C151SA Datasheet HTML 18Page - Intel Corporation P87C151SA Datasheet HTML 19Page - Intel Corporation P87C151SA Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AC Characteristics
Table
8
lists
AC
timing
parameters
for
the
8XC151SASB with no wait states External wait
states can be added by extending PSEN
RD
WR
andor by extending ALE In the table Notes
3 and 5 mark parameters affected by an ALE wait
state and Notes 4 and 5 mark parameters affected
by a PSEN
RD
WR
wait state
Figures 5 – 11 show the bus cycles with the timing
parameters
Table 9 AC Characteristics (Capacitive Loading e 50 pF)
Symbol
Parameter
Max FOSC (1)
FOSC Variable
Units
Min
Max
Min
Max
FOSC
XTAL1 Frequency
NA
NA
0
16
MHz
TOSC
1FOSC
NA
NA
ns
12 MHz
833
16 MHz
625
TLHLL
ALE Pulse Width
ns
12 MHz
683
(3)
16 MHz
475
(1a2M)
TOSC b 15
TAVLL
Address Valid to ALE Low
ns
12 MHz
583
(3)
16 MHz
375
(1a2M)
TOSC b 25
TLLAX
Address Hold after ALE Low
ns
12 MHz
10
16 MHz
10
10
TRLRH (2)
RD
or PSEN
Pulse Width
ns
12 MHz
1516
(4)
16 MHz
110
2(1aN)
TOSC b 15
TWLWH
WR
Pulse Width
ns
12 MHz
1516
(4)
16 MHz
110
2(1aN)
TOSC b 15
TLLRL (2)
ALE Low to RD
or PSEN
Low
ns
12 MHz
583
16 MHz
375
Tosc b 25
TLHAX
ALE High to Address Hold
ns
12 MHz
833
(3)
16 MHz
625
(1a2M)
TOSC
NOTES
1 16 MHz
2 Specifications for PSEN
are identical to those for RD
3 In the formula MeNumber of wait states (0 or 1) for ALE
4 In the formula NeNumber of wait states (0 1 2 or 3) for RD
PSEN
WR
5 ‘‘Typical’’ specifications are untested and not guaranteed
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com