Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25632AFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM25632AFW
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM25632AFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM25632AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM25632AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TOPWAY
LCD Module User Manual
LM25632AFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM25632AFW-Manual-Rev0.2.DOC
Page: 4 of 10
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power Negative Power Supply, Ground (0V)
2
VDD
Power Positive Power Supply
3
NC
-
Not Connection
4
RS
Input
RS = H; DB0 – DB7 = Display RAM data
RS = L; DB0 – DB7 = Instruction data
5
R/W
Input
6
E
Input
In read mode
R/W = H;
Data read form the LCD module,
data appears at DB0 – DB7 and can be read by the host
while, E = H and the device is being selected
In write mode
R/W = L;
Data write to the LCD module,
data appears at DB0 – DB7 and will be written into the LCD module
at E = H L and device is being selected
7
DB0
I/O
:
:
:
14
DB7
I/O
Data bus:
Three state I/O terminal for display data or instruction data
15
CS1
Input
16
CS2
Input
Chip selection, enable access to each section of the LCD module
CS1
CS2
Function
1
0
Enable access of the S1~S64 and S129~S192 Section
of the LCD module
0
1
Enable access of the S65~S128 and S193~S256 Section
of the LCD module
1
1
Enable access to the hole Section of the LCD module
0
0
Disable all the access to the LCD module
17
/RST
Input
Reset signal
/RST = L,
Display off
display start line register becomes 0
no command or instruction data could be accepted
/RST = H,
Normal running
18
VEE
Power Power Booster Input
19
BLA
Power Positive Power Supply for LED backlight
20
BLK
Power Negative Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com