Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P451SP Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P451SP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
12
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
Bit2 (TM1E): Timer1 Function Enable bit
0 = Disable timer1 function as default.
1 = Enable timer1 function.
Bit1~Bit0 (TM1P): Timer1 Prescaler bit
Timer1 prescaler table for FOSC will be illustrated in the Section on
Timer1 in later pages.
4.2.5
IOCD (Pull-high Control Register)
7
6
5
4
3
2
1
0
S7
-
-
-
/PU9
/PU8
/PU6
/PU5
The default values of /PU5, /PU6, /PU8, and /PU9 are one, which means the
pull-high function is disabled.
/PU6 and /PU9 are “AND” gating with /PHEN, that is, when each one is written as
“0” pull high is enabled.
S7 defines the driving ability of the P70-P72.
0: Normal output.
1: Enhance the driving ability of LED.
4.2.6
IOCE (WDT Control Register)
7
6
5
4
3
2
1
0
-
ODE
WDTE
SLPC
ROC
-
-
/WUE
Bits 7, and1~2 Not used.
Bit 6 (ODE) Open-drain control bit.
0: Both P76 and P77 are normally I/O pins.
1: Both P76 and P77 pins have the open-drain function inside.
The ODE bit can be read and written.
Bit 5 (WDTE) Control bit used to enable Watchdog timer.
The WDTE bit can be used only if ENWDT, the CODE Option bit, is "1". If
the ENWDT bit is "1", then WDT can be disabled/enabled by the WDTE bit.
0: Disable WDT.
1: Enable WDT.
The WDTE bit is not used if ENWDT, the CODE Option bit ENWDT, is "0".
That is, if the ENWDT bit is "0", WDT is always disabled no matter what the
WDTE bit is.
The WDTE bit can be read and written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com