Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCB Datasheet(PDF) 3 Page - AVX Corporation

Part # TCB
Description  COTS-Plus Polymer Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCB Datasheet(HTML) 3 Page - AVX Corporation

  TCB Datasheet HTML 1Page - AVX Corporation TCB Datasheet HTML 2Page - AVX Corporation TCB Datasheet HTML 3Page - AVX Corporation TCB Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100
RATINGS & PART NUMBER REFERENCE
AVX
Part No.
Case
Size
Capacitance
(μF)
Rated
Voltage
(V)
Maximum
Operating
Temperature
(ºC)
DCL
Max.
(μA)
DF
Max.
(%)
ESR
Max.
@ 100kHz
(mΩ)
100kHz RMS Current (mA)
MSL
Humidity
85ºC/
85%RH, Vr
(hrs)
45ºC
85ºC
105ºC
125ºC
2.5 Volt
TCBB107M002CRSZ0^++E
B
100
2.5
125
25
8
70
1300
900
600
300
3
1000
4 Volt
TCBB107M004CRSZ0^++E
B
100
4
125
40
8
70
1300
900
600
300
3
1000
TCBD227M004CRSZ0^++E
D
220
4
125
88
8
40
2400
1700
1100
600
3
1000
TCBY227M004CRSZ0^++E
Y
220
4
125
88
8
40
2200
1500
1000
600
3
500
TCBD337M004CRSZ0^++E
D
330
4
125
132
8
40
2400
1700
1100
600
3
1000
TCBD477M004CRSZ0^++E
D
470
4
125
188
8
40
2400
1700
1100
600
3
1000
6.3 Volt
TCBB226M006CRSZ0^++E
B
22
6.3
125
13
8
70
1300
900
600
300
3
1000
TCBB336M006CRSZ0^++E
B
33
6.3
125
19
8
70
1300
900
600
300
3
1000
TCBB476M006CRSZ0^++E
B
47
6.3
125
28
8
70
1300
900
600
300
3
1000
TCBB686M006CRSZ0^++E
B
68
6.3
125
40.8
8
70
1300
900
600
300
3
1000
TCBD157M006CRSZ0^++E
D
150
6.3
125
90
8
40
2400
1700
1100
600
3
1000
TCBD227M006CRSZ0^++E
D
220
6.3
125
132
8
40
2400
1700
1100
600
3
1000
TCBD337M006CRSZ0^++E
D
330
6.3
125
198
8
40
2400
1700
1100
600
3
1000
10 Volt
TCBB226M010CRSZ0^++E
B
22
10
125
22
8
70
1300
900
600
300
3
1000
TCBB336M010CRSZ0^++E
B
33
10
125
33
8
70
1300
900
600
300
3
1000
TCBB476M010CRSZ0^++E
B
47
10
125
47
8
70
1300
900
600
300
3
1000
TCBD686M010CRSZ0^++E
D
68
10
125
68
8
70
1800
1300
800
500
3
1000
TCBD107M010CRSZ0^++E
D
100
10
125
100
8
55
2000
1400
900
500
3
1000
TCBD157M010CRSZ0^++E
D
150
10
125
150
8
55
2000
1400
900
500
3
1000
TCBD227M010CRSZ0^++E
D
220
10
125
220
8
35
2500
1800
1100
600
3
1000
16 Volt
TCBD336M016CRSZ0^++E
D
33
16
125
52
8
70
1800
1300
800
500
3
1000
TCBD476M016CRSZ0^++E
D
47
16
125
75
8
65
1900
1300
900
500
3
1000
TCBD686M016CRSZ0^++E
D
68
16
125
109
8
70
1800
1300
800
500
3
1000
20 Volt
TCBD226M020CRSZ0^++E
D
22
20
125
44
8
70
1800
1300
800
500
3
1000
TCBD336M020CRSZ0^++E
D
33
20
125
66
8
70
1800
1300
800
500
3
1000
TCBD476M020CRSZ0^++E
D
47
20
125
94
8
70
1800
1300
800
500
3
1000
25 Volt
TCBD156M025CRSZ0^++E
D
15
25
125
37
8
70
1800
1300
800
500
3
1000
35 Volt
TCBD106M035CRSZ0^++E
D
10
35
125
35
8
70
1800
1300
800
500
3
1000
RECOMMENDED DERATING FACTOR
Voltage and temperature derating
as percentage of Vr.
Rated
voltage
Operating Temperature
≤85°C
105°C
125°C
≤10V
90%
90%
60%
≥16V
80%
80%
54%
For Vr ≤ 10V
For Vr ≥ 16V
Recommended
Application Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
60%
Recommended
Application Voltage
Rated Voltage
Rated Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
54%
TCB Series
COTS-Plus Polymer Capacitor
030719



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com