Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM240128DFW Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM240128DFW
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM240128DFW Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM240128DFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TOPWAY
LCD Module User Manual
LM240128DFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM240128DFW-Manual-Rev0.1
Page: 6 of 12
3.3
AC Characteristics
3.3.1 8080 Mode System Bus Timing
VSS=0V, VDD=3.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Address setup time (CD)
tas80
5
-
-
ns
Address hold time (CD)
tah80
5
-
-
ns
System cycle time (8bit)
tcy80
145
-
-
ns
Read pulse width
tpwr80
107
-
-
ns
Write pulse width
tpww80
65
-
-
ns
High pulse width (read)
thpw80
63
-
-
ns
High pulse width (write)
thpw80
67
-
-
ns
Data setup time
tds80
38
-
-
ns
Data hold time
tdh80
5
-
-
ns
Data access time
tacc80
-
-
75
ns
Data output disable time
tod80
15
-
38
ns
Chip select setup time
tcssa80
7
-
-
ns
Chip select hold time
tcsh80
7
-
-
ns
Note:
*1. Input signal rise/fall time should be less than 15ns .
*2. CL=100pF
*3.All timing is using 20% and 80% of VDD as the reference.
3.3.2 Reset Timing
VSS=0V, VDD=3.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset LOW pulse width
trw
4
-
-
Internal Resetting time
trd
13
ms
Note:
*1.All timing is using 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com