Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L36161V Datasheet(PDF) 7 Page - AMIC Technology

Part # A23L36161V
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36161V Datasheet(HTML) 7 Page - AMIC Technology

Back Button A23L36161V Datasheet HTML 2Page - AMIC Technology A23L36161V Datasheet HTML 3Page - AMIC Technology A23L36161V Datasheet HTML 4Page - AMIC Technology A23L36161V Datasheet HTML 5Page - AMIC Technology A23L36161V Datasheet HTML 6Page - AMIC Technology A23L36161V Datasheet HTML 7Page - AMIC Technology A23L36161V Datasheet HTML 8Page - AMIC Technology A23L36161V Datasheet HTML 9Page - AMIC Technology A23L36161V Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
A23L3616/A23L36161 Series
PRELIMINARY
(November, 2004, Version 0.2)
6
AMIC Technology, Corp.
Timing Waveforms
Propagation Delay from Address (
CE = Active, OE = Active)
tAA
VALID
VALID
tCYC
tOH
ADDRESS
INPUTS
DATA OUT
Propagation Delay from Chip Enable or Output Enable (Address Valid)
tACE
tHZ
VALID
tLZ
DATA OUT
tAOE
CHIP
ENABLE
OUTPUT
ENABLE
VALID
VALID
AC Test Conditions
Part No.
A23L3616/ A23L36161 –100
A23L3616/ A23L36161 -120
Applied Voltage
3.0V~3.6V
2.7V~3.6V
Input Pulse Levels
0.4V to 2.4V
0.4V to 2.4V
Input Rise and Fall Time
10 ns
10 ns
Timing Measurement Reference Level
VIN = 1.4V, VOUT = 1.4V
VIN = 1.4V, VOUT = 1.4V
Output Load
1 TTL gate and CL = 100pF
1 TTL gate and CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com