Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL323 Datasheet(PDF) 44 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 44 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 40Page - AMIC Technology A29DL323 Datasheet HTML 41Page - AMIC Technology A29DL323 Datasheet HTML 42Page - AMIC Technology A29DL323 Datasheet HTML 43Page - AMIC Technology A29DL323 Datasheet HTML 44Page - AMIC Technology A29DL323 Datasheet HTML 45Page - AMIC Technology A29DL323 Datasheet HTML 46Page - AMIC Technology A29DL323 Datasheet HTML 47Page - AMIC Technology A29DL323 Datasheet HTML 48Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
43
AMIC Technology, Corp.
AC CHARACTERISTICS
Alternate
CE Controlled Erase and Program Operations
Parameter
Speed
JEDEC
Std
Description
-70
-80
-90
-120
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
70
80
90
120
ns
tAVEL
tAS
Address Setup Time
Min.
0
ns
tELAX
tAH
Address Hold Time
Min.
45
45
45
50
ns
tDVEH
tDS
Data Setup Time
Min.
35
35
45
50
ns
tEHDX
tDH
Data Hold Time
Min.
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
(
OE High to WE Low)
Min.
0
ns
tWLEL
tWS
WE Setup Time
Min.
0
ns
tEHWH
tWH
WE Hold Time
Min.
0
ns
tELEH
tCP
CE Pulse Width
Min.
30
30
45
50
ns
tEHEL
tCPH
CE Pulse Width High
Min.
30
30
30
30
ns
Byte
Typ.
5
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Word
Typ.
7
µs
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ.
4
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
0.7
sec
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com