Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L040AL Datasheet(PDF) 10 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 10 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 6Page - AMIC Technology A29L040AL Datasheet HTML 7Page - AMIC Technology A29L040AL Datasheet HTML 8Page - AMIC Technology A29L040AL Datasheet HTML 9Page - AMIC Technology A29L040AL Datasheet HTML 10Page - AMIC Technology A29L040AL Datasheet HTML 11Page - AMIC Technology A29L040AL Datasheet HTML 12Page - AMIC Technology A29L040AL Datasheet HTML 13Page - AMIC Technology A29L040AL Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
9
AMIC Technology, Corp.
START
Write Erase
Command
Sequence
Data Poll
from System
Data = FFh ?
Erasure Completed
Yes
Embedded
Erase
algorithm in
progress
Note :
1. See the appropriate Command Definitions table for erase
command sequences.
2. See "I/O3 : Sector Erase Timer" for more information.
No
Figure 2. Erase Operation
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt
a sector erase operation and then read data from, or
program data to, any sector not selected for erasure. This
command is valid only during the sector erase operation,
including the 50
µs time-out period during the sector erase
command sequence. The Erase Suspend command is
ignored if written during the chip erase operation or
Embedded Program algorithm. Writing the Erase Suspend
command during the Sector Erase time-out immediately
terminates the time-out period and suspends the erase
operation. Addresses are "don't cares" when writing the
Erase Suspend command.
When the Erase Suspend command is written during a
sector erase operation, the device requires a maximum of
20
µs to suspend the erase operation. However, when the
Erase Suspend command is written during the sector erase
time-out, the device immediately terminates the time-out
period and suspends the erase operation.
After the erase operation has been suspended, the system
can read array data from or program data to any sector not
selected for erasure. (The device "erase suspends" all
sectors selected for erasure.) Normal read and write timings
and command definitions apply. Reading at any address
within erase-suspended sectors produces status data on I/O7
- I/O0. The system can use I/O7, or I/O6 and I/O2 together, to
determine if a sector is actively erasing or is erase-
suspended. See "Write Operation Status" for information on
these status bits.
After an erase-suspended program operation is complete,
the system can once again read array data within non-
suspended sectors. The system can determine the status of
the program operation using the I/O7 or I/O6 status bits, just
as in the standard program operation. See "Write Operation
Status" for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend mode.
The device allows reading autoselect codes even at
addresses within erasing sectors, since the codes are not
stored in the memory array. When the device exits the
autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. See
"Autoselect Command Sequence" for more information.
The system must write the Erase Resume command
(address bits are "don't care") to exit the erase suspend
mode and continue the sector erase operation. Further writes
of the Resume command are ignored. Another Erase
Suspend command can be written after the device has
resumed erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com