Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3041 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices ADP3041 Datasheet HTML 10Page - Analog Devices ADP3041 Datasheet HTML 11Page - Analog Devices ADP3041 Datasheet HTML 12Page - Analog Devices ADP3041 Datasheet HTML 13Page - Analog Devices ADP3041 Datasheet HTML 14Page - Analog Devices ADP3041 Datasheet HTML 15Page - Analog Devices ADP3041 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. D
ADP3041
–13–
COMP
FB
ERROR
AMP
C2
gm
REF
CC
RC
Figure 2. Compensation Components
The boost regulator introduces a right half plane (RHP) zero. This
zero behaves like a zero with respect to the gain but behaves
like a pole with respect to phase. As a result, the RHP zero can
cause instability of the control loop if the bandwidth (in Hertz)
of the loop includes it.
f
RHP
V
V
R
L
Z
IN
OUT
LOAD
() =


×
×
2
2
π
(8)
Note that the RHP zero is dependant on the load. To optimize
the compensation, a nominal load must be chosen. Typically,
choosing an RLOAD that is halfway between no load and full
load works well; but make sure that this load is enough to ensure
CCM operation. The critical value of load resistance, RCRIT, for
CCM is given by
R
Lf
V
V
V
V
CRIT
SW
IN
OUT
IN
OUT
=
××




2
1
2
–
(9)
So for the nominal load resistance RLOAD, use the half load
resistance or RCRIT, whichever is lower.
To make sure the RHP zero does not cause stability problems,
the control loop bandwidth should be set at around 1/8 the
frequency (in Hertz) of the RHP zero.
ff
RHP
CZ
=×
()
1
8
(10)
where fC is the crossover frequency.
Another frequency of interest is the pole caused by the output
load and output capacitor. This frequency (in Hertz) is calcu-
lated using
f
RC
P
LOAD
OUT
1
1
2
=
××
π
(11)
Note that the frequency varies with load current. Again, use the
nominal load resistance for the calculation.
So the compensation resistor, RC, can be calculated by deter-
mining the open-loop gain at the crossover frequency, fC, and
setting RC to adjust the closed-loop gain to zero. The open-loop
gain can be approximated (in dB) by
Gf
VR
V
–
f
f
OC
C
IN
LOAD
OUT
C
P
() =
×
×


+


20
0.65
20log
1
1
2
log
(12)
R
g
V
V
C
m
FB
OUT
G
OC f C
=
××
()
1
10 20
(13)
Once the value of the compensation resistor is determined, the
value of the compensation capacitor, CC, can be calculated. The
compensation capacitor sets up a zero to cancel out the pole
created by the output load, fP1. Since the load pole position
varies with load current, the compensation zero should be located
approximately four times the worst-case load pole, 4
× fP1, or at
one half the crossover frequency, 1/2
× f
C, whichever is lower.
The frequency of the compensation zero is located at
f
RC
ZC
CC
=
××
×
1
2
π
(14)
So, the value of CC can be calculated using
C
fR
C
ZC
C
=
××
×
1
2
π
(15)
If the output capacitor selected has a high ESR value, it may be
necessary to add another pole to cancel the zero introduced by
the capacitor’s ESR. The ESR zero location is determined by
f
ESR
RC
Z
ESR
OUT
() =
××
×
1
2
π
(16)
So, a high frequency pole should be placed to cancel the ESR
zero or at half the switching frequency, whichever is lower. By
placing a pole at half the switching frequency, the high fre-
quency gain is rolled off for better phase margin. Note that the
high frequency pole must be at least a decade above the com-
pensation zero in order for the compensation to work properly.
If this is not the case, the high frequency pole should not be used.
C
C
fR
C
C
PHF
CC
2
12
=
+×
×
×
()
()
π
(17)
After all the compensation components have been selected, the
best check for stability and response time is to observe the tran-
sient performance of the ADP3041. Adjust RC and CC as necessary
to optimize the transient response. Increasing RC increases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com