Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC244 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 54AC244
Description  Advanced CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC244 Datasheet(HTML) 3 Page - Silicon Supplies

  54AC244 Datasheet HTML 1Page - Silicon Supplies 54AC244 Datasheet HTML 2Page - Silicon Supplies 54AC244 Datasheet HTML 3Page - Silicon Supplies 54AC244 Datasheet HTML 4Page - Silicon Supplies 54AC244 Datasheet HTML 5Page - Silicon Supplies 54AC244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
2.0
6.0
V
DC Input or Output Voltage
VIN ,VOUT
0
VCC
V
Operating Temperature Range
TJ
-40
+85
°C
Output current - High
IOH
-
-24
mA
Output current - Low
IOL
-
24
mA
VCC = 3.0V
0
150
VCC = 4.5V
0
40
Input Rise or Fall rate
(VIN from 30% to 70% VCC)
VCC = 5.5V
Δt/ΔV
0
25
ns/V
 
Recommended Operating Conditions3 (Voltages referenced to GND)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
VIN
-0.5 to VCC +0.5
V
DC Output Voltage (Referenced to GND)
VOUT
-0.5 to VCC +0.5
V
DC Input Current, per pin
IIN
±20
mA
DC Output Current, per pin
IOUT
±50
mA
DC VCC or GND Current, per pin
ICC
±50
mA
Power Dissipation in Still Air
2
PD
750
mW
Storage Temperature Range
TSTG
-65 to 150
°C
 
Advanced CMOS Logic – 74AC244
Rev 1.0
24/04/19
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.
Pad Descriptions
ADDRESS INPUTS
1A0, 1A1, 1A2, 1A3, 2A0, 2A1, 2A2, 2A3
(Pads 2, 4, 6, 8, 11, 13, 15, 17)
Data input pins. Data on these pins appear in non-inverted form on the corresponding Y outputs, when the outputs are enabled.
CONTROL INPUTS
1OE, 2OE (Pads 1, 19)
Output enables (active–low). When a low level is applied to these pins, the outputs are enabled and the devices function as non-
inverting buffers. When a high level is applied, the outputs assume the high impedance state.
OUTPUTS
1Y0, 1Y1, 1Y2, 1Y3, 2Y0, 2Y1, 2Y2, 2Y3
(Pads 18, 16, 14, 12, 9, 7, 5, 3)
Device outputs. Depending upon the state of the output– enable pins, these outputs are either non-inverting outputs or high–
impedance outputs.
3.  This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be
taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT
should be constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either
GND or VCC). Unused outputs must be left open.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com