Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMB162ADC Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB162ADC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB162ADC Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMB162ADC Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB162ADC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB162ADC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB162ADC-Manual-Rev0.1.doc
Page: 5 of 5
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
0
6.0
V
VSS = 0V
Input Voltage
VIN
0
VDD
V
VSS = 0V
Operating Temperature
TOP
-20
70
°C
No Condensation
Storage Temperature
TST
-30
80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD=5.0V, TOP=25°C
Items
Symbol
MIN.
TYP
.
MAX.
Unit
Condition /
Application Pin
Operating Voltage
VDD
4.7
5.0
5.3
V
VDD
Input High Voltage
VIH
0.8xVDD
-
VDD
V
Input Low Voltage
VIL
VSS
-
0.5
V
RS, R/W, E, DB0 ~ DB7
Output High Voltage
VOH
0.7xVDD
-
VDD
V
IOH=-0.1mA, DB0 ~ DB7
Output Low Voltage
VOL
VSS
-
0.5
V
IOL=0.1mA, DB0 ~ DB7
Operating Current
IDD
-
1.3
3.0
mA
VDD, VSS
3.2
LED Backlight Circuit Characteristics
VBLK=0V, IfBLA=40mA, TOP=25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
5.0
-
V
BLA
Forward Current
IfBLA
-
-
50
mA
BLA
BLK
BLA
No. of LED = 2 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com