Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX10 Datasheet(PDF) 7 Page - TP-Link Technologies Co., Ltd.

Part # AX10
Description  AX1500 Next-Gen Wi-Fi 6 Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX10 Datasheet(HTML) 7 Page - TP-Link Technologies Co., Ltd.

  AX10 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX10 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications
· Certification:
CE, FCC, RoHS
· System Requirements:
Microsoft Windows 98SE/NT/2000/XP/Vista™/7/8/8.1/10, MAC OS,
NetWare, UNIX or Linux
Internet Explorer 11, Firefox 12.0, Chrome 20.0, Safari 4.0, or other
Java-enabled browser
Cable or DSL Modem
Subscription with an internet service provider (for internet access)
· Environment:
Operating Temperature: 0
℃~40℃ (32℉~104℉)
Storage Temperature: -40
℃~70℃(-40℉~158℉)
Operating Humidity: 10%~90% non-condensing
Storage Humidity: 5%~90% non-condensing
· Package Contents
Wireless Router Archer AX10
Power Adapter
RJ45 Ethernet Cable
Quick Installation Guide
Others
Software
· Quality of Service: Device Prioritisation
· WAN Type: Dynamic IP/Static IP/PPPoE/PPTP(Dual Access)/L2TP(Dual Access)
· Management: Access Control, Local Management, Remote Management
· DHCP: Server, DHCP Client List, Address Reservation
· Port Forwarding: Port Forwarding, Port Triggering, UPnP, DMZ
· Dynamic DNS: DynDns, NO-IP, TP-Link
· Access Control: Parental Controls, Local Management Control, Host List, White
List, Black List
· Firewall Security: SPI Firewall, IP and MAC Address Binding
· Protocols: IPv4, IPv6
· Guest Network: 2.4 GHz Guest Network, 5 GHz Guest Network
· Wireless: 1201 Mbps (5 GHz, 11ax) + 300 Mbps (2.4 GHz, 11n), compatible with
11a/b/g/n/ac Wi-Fi standards
· Frequency: 2.4 GHz and 5 GHz
· Transmit Power:
CE: <20dBm(2.4 GHz), <23dBm(5.15 GHz~5.25 GHz)
FCC:<30dBm(2.4 GHz & 5.15 GHz~5.825 GHz)
· Reception Sensitivity:
5 GHz:
11a 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-66dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-63dBm
11ac VHT80_MCS0:-91dBm, 11ac VHT80_MCS11:-60dBm
11ax HE20_MCS0:-95dBm, 11ax HE20_MCS11:-63dBm
11ax HE40_MCS0:-92dBm, 11ax HE40_MCS11:-60dBm
11ax HE80_MCS0:-89dBm, 11ax HE80_MCS11:-58dBm
2.4 GHz:
11g 6Mbps:-91dBm, 11a 54Mbps:-74dBm
11n HT20_MCS0:-90dBm, 11n HT20_MCS7:-73dBm
11n HT40_MCS0:-88dBm, 11n HT40_MCS7:-70dBm
· Wireless Function: Enable/Disable Wireless Radio, WMM
· Wireless Security: 64/128-bit WEP, WPA/WPA2, WPA-PSK/WPA2-PSK encryptions
Attention: This device may only be used indoors in all EU member states and EFTA countries.
Specifications are subject to change without notice. TP-Link is a registered trademark of TP-Link Technologies Co., Ltd. Other brands and product names are trademarks or registered trademarks of their respective holders. Copyright ©2019 TP-Link Technologies Co., Ltd. All rights reserved.
*Maximum wireless signal rates are the physical rates derived from IEEE Standard 802.11 specifications. Actual wireless data throughput and wireless coverage are not guaranteed and will vary as a result of network conditions, client limitations, and environmental factors, including building materials,
obstacles, volume and density of traffic, and client location.
*Use of OFDMA and 1024-QAM requires clients to also support those functions.
*4x average throughput refers to 4x increase in median throughput under dense environment (i.e. 8+ Wi-Fi 6 devices connected with combined speeds not higher than ISP offers) compared to a 2×2 11ac wave 2 router.
*1,000 Mbps internet speeds require compatible service plans and equipment.
Formoreinformation,pleasevisit
http://www.tp-link.com/products/details/Archer-AX10.html
orscantheQRcodeleft
TP-Link AX1500 Next-Gen Wi-Fi 6 Router
AX10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com