Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX50 Datasheet(PDF) 7 Page - TP-Link Technologies Co., Ltd.

Part # AX50
Description  Dual Band Gigabit Wi-Fi 6 Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX50 Datasheet(HTML) 7 Page - TP-Link Technologies Co., Ltd.

  AX50 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX50 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications
· Certification:
CE, FCC, RoHS
· System Requirements:
Microsoft Windows 98SE/NT/2000/XP/Vista™/7/8/8.1/10, MAC OS,
NetWare, UNIX or Linux
Internet Explorer 11, Firefox 12.0, Chrome 20.0, Safari 4.0, or other
Java-enabled browser
Cable or DSL Modem
Subscription with an internet service provider (for internet access)
· Environment:
Operating Temperature: 0
℃~40℃ (32℉~104℉)
Storage Temperature: -40
℃~70℃(-40℉~158℉)
Operating Humidity: 10%~90% non-condensing
Storage Humidity: 5%~90% non-condensing
· Package Contents
Wireless Router Archer AX50
Power Adapter
RJ45 Ethernet Cable
Quick Installation Guide
Others
Software
· Quality of Service: Device and Application Prioritisation
· WAN Type: Dynamic IP/Static IP/PPPoE/PPTP(Dual Access)/L2TP(Dual Access)
· Management: Access Control, Local Management, Remote Management
· DHCP: Server, DHCP Client List, Address Reservation
· Port Forwarding: Virtual Server, Port Triggering, UPnP, DMZ
· Dynamic DNS: DynDns, NO-IP, TP-Link
· Access Control: Parental Controls, Local Management Control, Host List, White
List, Black List
· Firewall Security: DoS, SPI Firewall, IP and MAC Address Binding
· Protocols: IPv4, IPv6
· USB Sharing: Supports Samba(Storage)/FTP Server/Media Server
· Guest Network: 2.4 GHz Guest Network, 5 GHz Guest Network
· Wireless: 574 Mbps on 2.4 GHz (802.11ax) + 2402 Mbps on 5 GHz (802.11ax), compatible
with 802.11a/b/g/n/ac Wi-Fi standards
· Frequency: 2.4 GHz and 5 GHz
· Transmit Power:
CE: <20dBm(2.4 GHz), <23dBm(5.15 GHz~5.35 GHz); <30dBm(5.47 GHz~5.725 GHz)
FCC:<30dBm(2.4 GHz & 5.15 GHz~5.825 GHz)
· Reception Sensitivity:
5 GHz:
11a 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-66dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-63dBm
11ac VHT80_MCS0:-91dBm, 11ac VHT80_MCS11:-60dBm
11ac VHT160_MCS0:-88dBm, 11ac VHT160_MCS11:-55dBm
11ax HE20_MCS0:-95dBm, 11ax HE20_MCS11:-63dBm
11ax HE40_MCS0:-92dBm, 11ax HE40_MCS11:-60dBm
11ax HE80_MCS0:-89dBm, 11ax HE80_MCS11:-58dBm
11ax HE160_MCS0:-85dBm, 11ax HE160_MCS11:-55dBm
2.4 GHz:
11g 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11n HT20_MCS0:-97dBm, 11n HT20_MCS7:-78dBm
11n HT40_MCS0:-95dBm, 11n HT40_MCS7:-75dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-67dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-64dBm
11ax HE20_MCS0:-96dBm, 11ax HE20_MCS11:-64dBm
11ax HE40_MCS0:-93dBm, 11ax HE40_MCS11:-61dBm
· Wireless Function: Enable/Disable Wireless Radio, WMM, Wireless Statistics
· Wireless Security: 64/128-bit WEP, WPA/WPA2, WPA-PSK/WPA2-PSK encryptions
Attention: This device may only be used indoors in all EU member states and EFTA countries.
Specifications are subject to change without notice. TP-Link is a registered trademark of TP-Link Technologies Co., Ltd. Other brands and product names are trademarks or registered trademarks of their respective holders. Copyright ©2019 TP-Link Technologies Co., Ltd. All rights reserved.
△
802.11ax 2x2 160 MHz enables 2402 Mbps maximum theoretical data rates, 3X faster than standard 802.11ac 2x2 80 MHz (867 Mbps) and nearly 6x faster than baseline 1x1ac (433 Mbps) Wi-Fi as documented in IEEE 802.11 wireless standard specifications, and require the use of similarly configured
802.11ax wireless network routers.
*Maximum wireless signal rates are the physical rates derived from IEEE Standard 802.11 specifications. Actual wireless data throughput and wireless coverage are not guaranteed and will vary as a result of network conditions, client limitations, and environmental factors, including building materials,
obstacles, volume and density of traffic, and client location.
*Use of MU-MIMO and 1024-QAM requires clients to also support those functions.
*AbasicTP-LinkHomeCareTM,poweredbyTrendMicroTM,packageisincludedfor3yearsfromdateofactivationatnoadditionalcost.ItincludesParentalcontrols,QualityofService,andAntivirus.DeactivationofHomeCareTMwilldisablecertaincontrolsandprotections.ForacompletelistofHomeCareTM
functions, go to www.tp-link.com.
Formoreinformation,pleasevisit
http://www.tp-link.com/products/details/Archer-AX50.html
orscantheQRcodeleft
TP-Link AX3000 Dual Band Gigabit Wi-Fi 6 Router
AX50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com