Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1982 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1982
Description  Single and Dual Micropower High Side Switch Controllers in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1982 Datasheet(HTML) 1 Page - Linear Technology

  LTC1982 Datasheet HTML 1Page - Linear Technology LTC1982 Datasheet HTML 2Page - Linear Technology LTC1982 Datasheet HTML 3Page - Linear Technology LTC1982 Datasheet HTML 4Page - Linear Technology LTC1982 Datasheet HTML 5Page - Linear Technology LTC1982 Datasheet HTML 6Page - Linear Technology LTC1982 Datasheet HTML 7Page - Linear Technology LTC1982 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1981/LTC1982
1
APPLICATIO S
DESCRIPTIO
FEATURES
The LTC
®1981/LTC1982 are low-power, self-contained
N-channel MOSFET drivers. An internal voltage tripler
allows gates to be driven without the use of any external
components. Internal regulation circuitry allows quies-
cent current to drop to 10
µAperdriver(20µAforLTC1981)
once the gates are charged.
Low quiescent current and low shutdown current (under
1
µA) make these parts ideal for battery and other power
constrained systems. The wide input voltage range ac-
commodates a variety of battery/input configurations.
Gate drive is internally clamped to 7.5V providing protec-
tion to the external MOSFET gate. The MOSFETs can be
driven in either high side or low side mode.
The LTC1981 single driver version also includes a gate
drive ready pin and twice the drive current capacity of the
dual driver LTC1982.
The LTC1981 is available in a 5-pin SOT-23. The LTC1982
is available in a 6-pin SOT-23.
s
Cellular Telephones
s
Portable POS Terminal
s
Handheld Battery Powered Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
No External Components Required
s
Internal Voltage Triplers Produce High Side
Gate Drive for Logic Level FETs
s
Ultralow Power:
10
µA Per Driver ON Current (LTC1982)
20
µA ON Current (LTC1981)
<1
µA Shutdown Current
s
VCC Range: 1.8V to 5V
s
Gate Drive Outputs Driven to Ground During
Shutdown
s
Gate Drive Outputs Internally Clamped to 7.5V Max
s
“Gate Drive Ready” Output (LTC1981)
s
Ultrasmall Application Circuit
s
5-Pin SOT-23 Package (LTC1981)
s
6-Pin SOT-23 Package (LTC1982)
Single and Dual Micropower
High Side Switch Controllers
in SOT-23
VCC
GATE
SHDN
GND
GDR
LTC1981
LOAD
+
10
µF
GATE
DRIVE
READY
SHDN
VCC
1.8V TO 5.0V
54
123
1981/82 TA01
100k
Q1
Si3442DV
VCC
GATE 1 GATE 2
SHDN 1
SHDN 2
GND
LTC1982
LOAD 1
LOAD 2
+
10
µF
SHDN 1
SHDN 2
VCC
1.8V TO 5.0V
654
123
1981/82 TA02
Q1
1/2 Si6925DQ
Q2
1/2 Si6925DQ
TYPICAL APPLICATIONS
Single High Side Switch Controller
Dual High Side Switch Controller


Similar Part No. - LTC1982

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1982 LINER-LTC1982 Datasheet
158Kb / 8P
Single and Dual Micropower High Side Switch Controllers in SOT-23
LTC1982 LINER-LTC1982_15 Datasheet
158Kb / 8P
Single and Dual Micropower High Side Switch Controllers in SOT-23
More results

Similar Description - LTC1982

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251 LINER-LTC4251 Datasheet
240Kb / 20P
Negative Voltage Hot Swap Controllers in SOT-23
LTC1981 LINER-LTC1981_15 Datasheet
158Kb / 8P
Single and Dual Micropower High Side Switch Controllers in SOT-23
LTC1982 LINER-LTC1982_15 Datasheet
158Kb / 8P
Single and Dual Micropower High Side Switch Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-1 LINER-LTC4251-1_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-1 LINER-LTC4251B-1_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-2 LINER-LTC4251B-2_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com