Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB55NF03L-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB55NF03L-1
Description  N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF03L-1 Datasheet(HTML) 3 Page - STMicroelectronics

  STB55NF03L-1 Datasheet HTML 1Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 2Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 3Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 4Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 5Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 6Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 7Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 8Page - STMicroelectronics STB55NF03L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STP55NF03L STB55NF03L/-1
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 15 V
ID = 27.5 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 3)
28
400
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 24 V ID= 55 A VGS= 4.5V
20
7
10
27
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 15V
ID = 27.5 A
RG = 4.7Ω,
VGS = 4.5 V
(Resistive Load, Figure 3)
25
50
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
55
220
A
A
VSD (*)
Forward On Voltage
ISD = 55 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 55 A
di/dt = 100A/µs
VDD = 30 V
Tj = 150°C
(see test circuit, Figure 5)
70
160
4.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com