Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH20002TV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH20002TV
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20002TV Datasheet(HTML) 1 Page - STMicroelectronics

  STTH20002TV Datasheet HTML 1Page - STMicroelectronics STTH20002TV Datasheet HTML 2Page - STMicroelectronics STTH20002TV Datasheet HTML 3Page - STMicroelectronics STTH20002TV Datasheet HTML 4Page - STMicroelectronics STTH20002TV Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
1/5
MAIN PRODUCT CHARACTERISTICS
IF(AV)
Up to 2 x 120 A
VRRM
200 V
Tj
150°C
VF (typ)
0.75 V
trr (typ)
41 ns
STTH20002TV
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
ABSOLUTE RATINGS (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS) RMS forward voltage
170
A
IF(AV)
Average forward current
δ = 0.5
Tc = 95°C
Per diode
100
A
Tc = 80°C
Per diode
120
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
1000
A
Tstg
Storage temperature range
-55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
K1
K2
A2
A1
ISOTOP
STTH20002TV1
A1
K1
A2
K2
July 2004
REV. 2
FEATURES AND BENEFITS
■ Suited for SMPS
■ Very Low Forward Losses
■ Low recovery time
■ High surge current capability
■ Insulated:
Insulating voltage=2500VRMS
Capacitance = 55pF
DESCRIPTION
Dual rectifier suited for welding equipment, high
power industrial application.
Packaged in Isotop, this device is intended for use
in the secondary rectification of the applications.
Order Codes
Part Number
Marking
STTH20002TV1
STTH20002TV1


Similar Part No. - STTH20002TV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003 STMICROELECTRONICS-STTH20003 Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
logo
Inchange Semiconductor ...
STTH20003TV ISC-STTH20003TV Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
More results

Similar Description - STTH20002TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com