Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803449 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803449
Description  Zack marker strip - ZBF 6/9,2 S8,QR:A-H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803449 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803449 Datasheet HTML 1Page - PHOENIX CONTACT 0803449 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0803449
03/11/2016   Page 1 / 2
Zack marker strip - ZBF 6/9,2 S8,QR:A-H - 0803449
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Zack marker strip, Strip, white, labeled, can be labeled with: Plotter, Mounting type: Snap into tall marker groove,
Lettering field: 10.5 x 6 mm
The illustration shows versions
ZBF 6- UNPRINTED, -
LGS:CONSEC.NOS, -
QR:CONSEC.NOS and -SO/CMS
Product Features
■ The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Width (a)
6 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Color
white
Components
free from silicone and halogen
Flammability rating according to UL 94
V2
Material
PA
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Marking mounting type
Snap into tall marker groove
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803449

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803444 PHOENIX-0803444 Datasheet
48Kb / 2P
Zack marker strip - ZB 8,3:UNBEDRUCKT
0803447 PHOENIX-0803447 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8:UNBEDRUCKT
0803448 PHOENIX-0803448 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,QR:1-8
More results

Similar Description - 0803449

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803447 PHOENIX-0803447 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8:UNBEDRUCKT
0803448 PHOENIX-0803448 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,QR:1-8
0803450 PHOENIX-0803450 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,LGS:1-8
0803451 PHOENIX-0803451 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,LGS:A-H
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0808749-0021 PHOENIX-0808749-0021 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 21-30
0808749-0051 PHOENIX-0808749-0051 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 51-60
0808749-0071 PHOENIX-0808749-0071 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 71-80
0808749-0081 PHOENIX-0808749-0081 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 81-90
0808765-0051 PHOENIX-0808765-0051 Datasheet
54Kb / 2P
Zack marker strip - ZBF 6,QR:FORTL.ZAHLEN 51-60
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com