Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX569K Datasheet(PDF) 9 Page - Sony Corporation

Part # ILX569K
Description  5340-pixel x 6 line CCD Linear Sensor (Color)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX569K Datasheet(HTML) 9 Page - Sony Corporation

Back Button ILX569K Datasheet HTML 5Page - Sony Corporation ILX569K Datasheet HTML 6Page - Sony Corporation ILX569K Datasheet HTML 7Page - Sony Corporation ILX569K Datasheet HTML 8Page - Sony Corporation ILX569K Datasheet HTML 9Page - Sony Corporation ILX569K Datasheet HTML 10Page - Sony Corporation ILX569K Datasheet HTML 11Page - Sony Corporation ILX569K Datasheet HTML 12Page - Sony Corporation ILX569K Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
– 9 –
ILX569K
Application Circuit∗1
1
2
3
4
5
6
100
Ω
100
Ω
φL2
IC2
<IC1>
IC2
12V
47µF/
16V
0.1µF
2
Ω
φ4
100
Ω
φRS
VOUT-G
Tr1
100
Ω
3k
Ω
Tr1
VOUT-B
φ3
2
Ω
φL1
100
Ω
7
8
9
10
11
12
22
21
20
19
13
18
17
16
15
14
IC2
IC1: 74HC04
× 3pcs
IC2: 74HC04
Tr1: 2SA1175
φROG-G φROG-R
100
Ω
100
Ω
2
Ω
2
Ω
φ1
φ2
IC1
IC1
100
Ω
φROG-B
3k
Ω
100
Ω
3k
Ω
Tr1
VOUT-R
∗1 Data rate fφRS = 1MHz
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com