Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD9N10
Description  N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD9N10 Datasheet HTML 2Page - STMicroelectronics STD9N10 Datasheet HTML 3Page - STMicroelectronics STD9N10 Datasheet HTML 4Page - STMicroelectronics STD9N10 Datasheet HTML 5Page - STMicroelectronics STD9N10 Datasheet HTML 6Page - STMicroelectronics STD9N10 Datasheet HTML 7Page - STMicroelectronics STD9N10 Datasheet HTML 8Page - STMicroelectronics STD9N10 Datasheet HTML 9Page - STMicroelectronics STD9N10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STD9N10/STD9N10-1
6/12
Figure 13. Normalized On Resistance vs
Temperature
Figure 14. Turn-on Current Slope
Figure 15. Turn-off Drain-source Voltage Slope
Figure 16. Cross-over Time
Figure 17. Switching Safe Operating Area
Figure 18. Accidental Overload Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com