Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCDB2000NPPT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCDB2000NPPT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCDB2000NPPT Datasheet HTML 9Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 10Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 11Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 12Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 13Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 14Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 15Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 16Page - Texas Instruments CDCDB2000NPPT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
CLKIN_P
CLKIN_N
SBEN
CK0_P
CK0_N
CK1_P
CK1_N
CK2_P
CK2_N
CK3_P
CK3_N
CK19_P
CK19_N
CLK
DATA
SHFT_LD#
SMBDAT
SMBCLK
Glitch
Free
Output
Control
Logic
Control
Logic
SADR0
SADR1
CKPWRGD_PD#
OE[12:5]#
S
B
I
SMB
/OE
13
CDCDB2000
www.ti.com
SNAS787 – NOVEMBER 2019
Product Folder Links: CDCDB2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The CDCDB2000 is a low additive-jitter, low propagation delay clock buffer designed to meet the strict
performance requirements for PCIe Gen 1-5, QPI and UPI reference clocks. The CDCDB2000 allows buffering
and replication of a single clock source to up to 20 individual outputs in the LP-HCSL format. The outputs of the
CDCDB2000 can be configured before they are enabled using the Side-Band control interface. The CDCDB2000
also includes status and control registers accessible by an SMBus version 2.0 compliant interface. The device
integrates a large amount of external passive components to reduce overall system cost.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Enable Control
The CDCDB2000 allows two methods to control the state of the output channels: SMBus/OE#, and Side-Band
Interface. Only one of the two methods can be active at any time, and the active interface is selected by the state
of the SBEN pin. Both methods of output control can assign the state of each output individually.
When in SMBus/OE# control is selected, the OE# pins become active. The OE# pins control the state of the
output with the same number. For example, the OE5# pin controls the state of the CK5 output driver. The SMBus
registers may enable/disable the output regardless of the OE# pin state if desired.
7.3.2 SMBus
The CDCDB2000 has an SMBus interface that is active only when CKPWRGD_PD# = 1.The SMBus allows
individual enable/disable of each output when the SMBus mode is selected using the SBEN pin.
When CKPWRGD_PD# = 0, the SMBus pins are placed in a Hi-Z state, but all register settings are retained. The
SMBus register values are only retained while VDD_A remains inside of the recommended operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com