Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5364005CSW Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KMM5364005CSW
Description  4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CSW Datasheet(HTML) 3 Page - Samsung semiconductor

  KMM5364005CSW Datasheet HTML 1Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 2Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 3Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 4Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 5Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 6Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 7Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 8Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DRAM MODULE
KMM5364005CSW/CSWG
KMM5364005CSW/CSWG EDO Mode
4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
The Samsung KMM5364005C is a 4Mx36bits Dynamic RAM
high density memory module. The Samsung KMM5364005C
consists of two CMOS 4Mx16bits and one CMOS Quad CAS
4Mx4bits DRAMs in TSOP packages mounted on a 72-pin
glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor
is mounted on the printed circuit board for each DRAM. The
KMM5364005C is a Single In-line Memory Module with edge
connections and is intended for mounting into 72 pin edge
connector sockets.
• Part Identification
- KMM5364005CSW(4K cycles/64ms Ref, TSOP, Solder)
- KMM5364005CSWG(4K cycles/64ms Ref, TSOP, Gold)
• Extended Data Out Mode Operation
• CAS-before-RAS & Hidden Refresh capability
• RAS-only refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDpin & pinout
• PCB : Height(1000mil), single sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
13ns
84ns
20ns
-6
60ns
15ns
104ns
25ns
PIN NAMES
Pin Name
Function
A0 - A11
Address Inputs
DQ0 - 35
Data In/Out
W
Read/Write Enable
RAS0, RAS2
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
PRESENCE DETECT PINS (Optional)
Pin
50NS
60NS
PD1
PD2
PD3
PD4
Vss
NC
Vss
Vss
Vss
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
A11
Vcc
A8
A9
NC
RAS2
DQ26
DQ8
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
DQ17
DQ35
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
NC
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com