| Electronic Components Datasheet Search |
|
HD49335F Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD49335F Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 30 page ![]() HD49335F/HF Rev.1.0, Feb.25.2004, page 11 of 29 Detailed Timing Specifications Detailed Timing Specifications when CDSIN Input Mode is Used Figure 3 shows the detailed timing specifications when the CDSIN input mode is used, and table 8 shows each timing specification. CDS_in SP1 Vth (2) (3) SP2 ADCLK (7) Vth Vth (8) (9) (10) (4) (1) (5) (11) (6) (13) (12) D0 to D9 H1 Black level Signal level Figure 3 Detailed Timing Chart when CDSIN Input Mode is Used Table 8 Timing Specifications when the CDSIN Input Mode is Used No. Timing Symbol Min Typ Max Unit (1) Black-level signal fetch time tCDS1 — (1.5) — ns (2) SP1 ‘Hi’ period tCDS2 Typ × 0.8 1/4fCLK Typ × 1.2 ns (3) Signal-level fetch time tCDS3 — (1.5) — ns (4) SP2 ‘Hi’ period tCDS4 Typ × 0.8 1/4fCLK Typ × 1.2 ns (5) SP1 falling to SP2 falling time tCDS5 Typ × 0.85 1/2fCLK Typ × 1.15 ns (6) SP1 falling to ADCLK rising inhibit time tCDS6 — (5) — ns (7), (8) ADCLK tWH min./tWL min tCDS7, 8 11 — — ns (9) ADCLK rising to digital output holding time tCHLD9 — (7) — ns (10) ADCLK rising to digital output delay time tCOD10 — (16) — ns (11) H1 rising to ADCLK rising time tCDS11 — (1/4fCLK) — ns (12) H1 rising to SPSIG falling time tCDS12 — (1/fCLK) — ns (13) H1 rising to SPBLK falling time tCDS13 — (1/2fCLK) — ns OBP Detailed Timing Specifications Figure 4 shows the OBP detailed timing specifications. The OB period is from the fifth to the twelfth clock cycle after the OB pulse is inputted. The average of the black signal level is taken for eight input cycles during the OB period and it becomes the clamp level (DC standard). CDS_in OBP N N+1 N+5 N+12 N+13 Note: OB pulse > 2 clock cycles OB period *1 1. Shifts ±1 clock cycle depending on the OBP input timing. Figure 4 OBP Detailed Timing Specifications |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |