Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2146FBD64 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2146FBD64
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2146FBD64 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2146FBD64 Datasheet HTML 9Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 10Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 11Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 12Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 13Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 14Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 15Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 16Page - NXP Semiconductors LPC2146FBD64 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
13 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
6.3 On-chip static RAM
On-chip static RAM may be used for code and/or data storage. The SRAM may be
accessed as 8-bit, 16-bit, and 32-bit. The LPC2141, LPC2142/44 and LPC2146/48
provide 8 kB, 16 kB and 32 kB of static RAM respectively.
In case of LPC2146/48 only, an 8 kB SRAM block intended to be utilized mainly by the
USB can also be used as a general purpose RAM for data storage and code storage and
execution.
6.4 Memory map
The LPC2141/42/44/46/48 memory map incorporates several distinct regions, as shown
in Figure 5.
In addition, the CPU interrupt vectors may be remapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.19
“System control”.
Fig 5.
LPC2141/42/44/46/48 memory map
AHB PERIPHERALS
VPB PERIPHERALS
RESERVED ADDRESS SPACE
BOOT BLOCK (12 kB REMAPPED FROM
ON-CHIP FLASH MEMORY
RESERVED ADDRESS SPACE
0xFFFF FFFF
0xF000 0000
0xE000 0000
0xC000 0000
0x8000 0000
0x7FFF FFFF
0x7FD0 2000
TOTAL OF 512 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2148)
0x0004 0000
0x0007 FFFF
TOTAL OF 256 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2146)
0x0002 0000
0x0003 FFFF
TOTAL OF 128 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2144)
0x0001 0000
0x0001 FFFF
TOTAL OF 64 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2142)
0x0000 8000
0x0000 FFFF
TOTAL OF 32 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2141)
0x0000 0000
0x0000 7FFF
RESERVED ADDRESS SPACE
0x0008 0000
0x3FFF FFFF
8 kB ON-CHIP STATIC RAM (LPC2141)
0x4000 0000
0x4000 1FFF
16 kB ON-CHIP STATIC RAM (LPC2142/2144)
0x4000 2000
0x4000 3FFF
32 kB ON-CHIP STATIC RAM (LPC2146/2148)
0x4000 4000
0x4000 7FFF
RESERVED ADDRESS SPACE
0x4000 8000
0x7FCF FFFF
8 kB ON-CHIP USB DMA RAM (LPC2146/2148)
0x7FD0 0000
0x7FD0 1FFF
0x7FFF D000
0x7FFF CFFF
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
0.0 GB
002aab558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com