Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LVC1G34 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54LVC1G34
Description  Single Buffer Gate in bare die form
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LVC1G34 Datasheet(HTML) 1 Page - Silicon Supplies

  54LVC1G34 Datasheet HTML 1Page - Silicon Supplies 54LVC1G34 Datasheet HTML 2Page - Silicon Supplies 54LVC1G34 Datasheet HTML 3Page - Silicon Supplies 54LVC1G34 Datasheet HTML 4Page - Silicon Supplies 54LVC1G34 Datasheet HTML 5Page - Silicon Supplies 54LVC1G34 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
 
Low Voltage CMOS Logic – 54LVC1G34
Single Buffer Gate in bare die form
Rev 1.0
29/06/19
Features:
Description
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
420 x 380
17 x 15
µm
mils
Minimum Bond Pad Size
76 x 76
2.99 x 2.99
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu 3 µm
Back Metal Composition
N/A – Bare Si
Inputs directly interface TTL
The 54LVC1G34 single buffer gate performs the
Boolean function Y = A. The inverter can be driven by
either 3.3V or 5V inputs enabling use of this device in a
mixed 3.3V and 5V environment. The 54LVC1G34
operates over a 1.65V to 5.5V supply range with low
power consumption and is fully specified for partial
power-down applications using IOFF. The IOFF circuitry
disables the output, preventing damaging backflow
current through the device when it is powered down.
The device suits level translation and interfacing TTL to
CMOS logic applications at low power.
Inputs accept up to 5.5V enabling level translation
down to VCC
Wide Supply Voltage: VCC 1.65V - 5.5V
Output Drive capability: ±24mA, VCC = 3.3V
Low Quiescent Current: 10µA max
High speed: tpd
5.2ns max, VCC = 3.3V
Tiny die size.
Die Dimensions in µm (mils)
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
420 (17)
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 54LVC1G34

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54LVC1G34 SS-54LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
More results

Similar Description - 54LVC1G34

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
Silicon Planar Zener diode in bare die form ??5% tolerance
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
74AC14 SS-74AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
SIS5219A SS-SIS5219A_V01 Datasheet
4Mb / 8P
Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
54HC154 SS-54HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
74HC154 SS-74HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
CD4148 SS-CD4148 Datasheet
1Mb / 3P
Small-Signal high speed switching diode in bare die form
Rev 1.0 22/01/19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com