Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN-8603 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # DMN-8603
Description  DiMeNsion -3 DVD Recorder Solution Servo, Video Decoder and System Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

DMN-8603 Datasheet(HTML) 2 Page - LSI Computer Systems

  DMN-8603 Datasheet HTML 1Page - LSI Computer Systems DMN-8603 Datasheet HTML 2Page - LSI Computer Systems DMN-8603 Datasheet HTML 3Page - LSI Computer Systems DMN-8603 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSP SER VO + AFE
The L3200 optical read/write DSP servo with integrated AFE is
optimized for consumer recorder applications to reduce overall system
costs. With industry-leading integration for DVD recorder drives, the
L3200 provides a glueless interface and does not require additional
DRAM or Flash. The L3200 supports both record and playback from
DVD+R/+RW and DVD-R/-RW media and playback from DVD, CD,
CD-R/-RW and SACD.
ANALOG VIDEO DECODER
The DiMeNsion-3 solution offers a family of analog video
decoders to cost-effectively address a variety of DVD recorder models
with different requirements in different regions. The L2150 video
decoder is designed to address worldwide, entry-level models. It
includes 9-bit video ADCs and supports both NTSC and PAL.
The L2146 is optimized to address higher-quality video recorder models
in North America and Europe by supporting RGB and Component analog
inputs. It includes 10-bit video ADCs and supports both NTSC and PAL.
DVD RECORDER SYSTEM PROCESSOR
A true system-on-a-chip solution, the DoMiNo 8603 (DMN-8603)
reduces cost, design complexity, power consumption and time-to-market,
and offers broadest feature set with the best image quality. In addition
to including a CPU and graphics engine, the DMN-8603 integrates
an NTSC/PAL TV encoder, a third-generation DV codec, an MPEG-4
codec, SACD decoder, and a USB controller.
• Convert standard definition video to
digital high definition
• DoMiNoFXTM technologies for the
highest video quality
• Archive DV camcorder content on
DVD with single remote control
operation (Direct Digital DubTM)
DMN-8603 DEVICE
FEA TURES
• Single x16 DDR SDRAM operation
• Dedicated device interface for L3200
servo controller with integrated AFE
• Integrated MPEG4 Codec for up to
12 hours of video recording on
optical disc
• Integrated RTC and low power
standby mode eliminates front
panel microcontroller
• SACD playback with L3200
DiMeNsion™-3 DVD Recorder Solution
Servo, Video Decoder and System Processor
Figure 2: DMN-8603 DVD Recorder Processor
DMN-8603
Flash Memory
DRAM
DRAM
27MHz or
13.5MHz Crystal
Core
Power Ground JTAG
SD+/ATAPI
IEEE1394
Link
Link
SIO
A_OUT
Host Interface
I2S
8-bit YUV
I2S
UART
IR Remote
IR Blaster
SPI
IDC
V_OUT
A_In
V_IN
Bitstream/
Storage
USB
USB
YPbPr/RGB (prog. or interlaced)
CVBS, Y/C (interlaceed)
32KHz
Crystal
RTC/
Standby
Digital Video
OUT
IEC 958/1937
S/PDIF
HD Digital
DiMeNsion-3 SYSTEM
FEA TURES CONTINUED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com