Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA113EMB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTA113EMB
Description  PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 1 k廓
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA113EMB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTA113EMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA113EMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3
(SOT883B) Surface-Mounted Device (SMD) plastic package.
NPN complement: PDTC113EMB.
1.2 Features and benefits
100 mA output current capability
Reduces component count
Built-in bias resistors
Reduces pick and place costs
Simplifies circuit design
AEC-Q101 qualified
Leadless ultra small SMD plastic
package
Low package height of 0.37 mm
1.3 Applications
Low-current peripheral driver
Control of IC inputs
Replaces general-purpose transistors
in digital applications
Mobile applications
1.4 Quick reference data
PDTA113EMB
PNP resistor-equipped transistor; R1 = 1 k
Ω, R2 = 1 kΩ
Rev. 1 — 4 April 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
-50
V
IO
output current
-
-
-100
mA
R1
bias resistor 1 (input)
Tamb = 25 °C
0.7
1
1.3
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com