Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617XMB Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 2PC4617XMB
Description  50 V, 100 mA NPN general-purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617XMB Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 2PC4617XMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 2PC4617XMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Nexperia
2PC4617xMB series
50 V, 100 mA NPN general-purpose transistors
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4.1
Binary marking code description. . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.1
Quality information . . . . . . . . . . . . . . . . . . . . . . 5
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 5
10
Packing information . . . . . . . . . . . . . . . . . . . . . 6
11
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
13
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
13.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
13.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
14
Contact information. . . . . . . . . . . . . . . . . . . . . . 9
15
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
© Nexperia B.V. 2017. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 26 March 2012



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com