Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617QMB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 2PC4617QMB
Description  50 V, 100 mA NPN general-purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617QMB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  2PC4617QMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PC4617QMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Nexperia B.V. 2017. All rights reserved
2PC4617XMB_SER
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 1 — 26 March 2012
2 of 10
Nexperia
2PC4617xMB series
50 V, 100 mA NPN general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
For DFN1006B-3 (SOT883B) binary marking code description see Figure 1.
4.1 Binary marking code description
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
3
1
2
Transparent
top view
sym021
3
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
2PC4617xMB series DFN1006B-3
leadless ultra small plastic package;
3 solder lands; body 1.0
 0.6  0.37 mm
SOT883B
Table 5.
Marking codes
Type number
Marking code[1]
2PC4617QMB
0000 1111
2PC4617RMB
0001 0000
Fig 1.
DFN1006B-3 (SOT883B) binary marking code description
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com